Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 18Page - NXP Semiconductors S32K310 Datasheet HTML 19Page - NXP Semiconductors S32K310 Datasheet HTML 20Page - NXP Semiconductors S32K310 Datasheet HTML 21Page - NXP Semiconductors S32K310 Datasheet HTML 22Page - NXP Semiconductors S32K310 Datasheet HTML 23Page - NXP Semiconductors S32K310 Datasheet HTML 24Page - NXP Semiconductors S32K310 Datasheet HTML 25Page - NXP Semiconductors S32K310 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 143 page
background image
10.
If a positive injection current is present in one or more I/O pins, and the device is in Low-Speed RUN or STANDBY mode,
the VDD_HV_A (or respectively, VDD_HV_B) may lift and cause unexpected behavior. Therefore, it is recommended to
add external protection hardware, to safely cover this scenario.
11.
The MCU supply ramp rate parameter must be applicable to the MCU input/external supplies. The ramp rate
assumes that the S32K3xx HW design guidelines available on www.nxp.com are followed.
5.3 Thermal operating characteristics
Table 4. Thermal operating characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
Tamb
Ambient temperature -40
—
105
°C
V- Grade
—
Tamb
Ambient temperature -40
—
125
°C
M- Grade
—
TJ
Junction
temperature
-40
—
150
°C
—
—
For S32K388, applications running at 125°C Tamb, thermal management schemes at PCB level will have to be deployed to keep
TJ below 150°C.
5.4 ESD and Latch-up Protection Characteristics
Table 5. ESD and Latch-up Protection Characteristics
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
Vhbm
Electrostatic
discharge voltage,
human body model
(HBM) 1,2,3
-2000
—
2000
V
—
—
Vcdm
Electrostatic
discharge voltage,
charged-device
model (CDM),
all pins except
corner 1,3,4
-500
—
500
V
—
—
Vcdm
Electrostatic
discharge voltage,
charged-device
model (CDM), corner
pins 1,3,4
-750
—
750
V
—
—
Ilat
Latch-up current at
ambient temperature
of 125°C 5
-100
—
100
mA
—
—
1. Device failure is defined as: "If after exposure to ESD pulses, the device does not meet specification requirements."
2. This parameter is tested in conformity with AEC-Q100-002.
3. All ESD testing conforms with AEC-Q100 Stress Test Qualification for Automotive Grade Integrated Circuits.
4. This parameter is tested in conformity with AEC-Q100-011.
5. This parameter is tested in conformity with AEC-Q100-004.
NXP Semiconductors
General
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
22 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com