Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 143 page
background image
Table 41. PLL (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
JPLL_acc
PLL accumulated
jitter (pk-pk) 1,2,3
—
—
840
ps
FPLL_out = 120MHz,
Integer Mode
—
JPLL_acc
PLL accumulated
jitter (pk-pk) 1,2,3
—
—
1680
ps
FPLL_out = 120MHz,
Fractional Mode
—
1. For SSCG, jitter due to systematic modulation needs to be added as per applied modulation. Accumulated jitter
specification?is not valid with SSCG
2. Jitter numbers calculated by extrapolating RMS jitter numbers to +/- 7 sigma .
3. Jitter numbers are valid only at IP boundary and does not include any degradation due to IO pad for clock measurement.
11.4 FXOSC
Table 42. FXOSC
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
FREQ_BYPASS
Input clock
frequency in bypass
mode 1
—
—
50
MHz
—
—
TRF_BYPASS
Input clock rise/fall
time in bypass
mode 1
—
—
5
ns
—
—
CLKIN_DUTY_
BYPASS
Input clock duty
cycle in bypass
mode 1
47.5
—
52.5
%
—
—
FXOSC_CLK
output clock
frequency in crystal
mode
8
—
40
MHz
—
—
TFXOSC
Fxosc start up
time (ALC enabled) 2
—
—
2
ms
—
—
IFXOSC
Oscillator Analog
circuit supply
current, V25 supply
(ALC enable)
—
—
1
mA
using 8, 16 or 40 MHz
crystal
—
IFXOSC
Oscillator Analog
circuit supply
current, V25 supply
(ALC disabled)
—
—
2.7
mA
using 8, 16 or 40 MHz
crystal
—
EXTAL_SWING_
PP
Peak-to-peak
voltage swing on
EXTAL pin in crystal
oscillator mode (ALC
enabled)
0.3
—
1.4
V
—
—
Table continues on the next page...
NXP Semiconductors
Clocking modules
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
86 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com