Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 41Page - NXP Semiconductors S32K310 Datasheet HTML 42Page - NXP Semiconductors S32K310 Datasheet HTML 43Page - NXP Semiconductors S32K310 Datasheet HTML 44Page - NXP Semiconductors S32K310 Datasheet HTML 45Page - NXP Semiconductors S32K310 Datasheet HTML 46Page - NXP Semiconductors S32K310 Datasheet HTML 47Page - NXP Semiconductors S32K310 Datasheet HTML 48Page - NXP Semiconductors S32K310 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 143 page
background image
6.5 V15 regulator (BJT option, NPN ballast transistor control) electrical specifications
Some devices (S32K358, S32K348, S32K338, S32K328, S32K344, S32K324, S32K314, S32K342, S32K322, S32K341) support
a linear regulator stage, with a dedicated pin to control an external NPN bipolar transistor. The chip hardware design guidelines
document lists the recommended part numbers for the external devices.
Table 13. V15 regulator (BJT option, NPN ballast transistor control) electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
V15
V15 output
—
1.51
—
V
—
—
V15
V15 input
—
1.5
—
V
—
—
IBCTL
IBCTL (V15 reg)
source
10
—
—
mA
—
—
IBCTL
IBCTL (V15 reg) sink —
—
-50
uA
—
—
tsettle_lm
Required setting
time from activating
last mile regulator to
load change
2
—
—
us
—
—
VDD_HV_NPN
Input voltage supply
for NPN external
ballast transistor
2.5
3.3 or 5
—
V
—
—
COUT_V15_NPN
Q_V15_NPN
RBTC15
V15
BJT option
External NPN
Ballast transistor
VDD_HV_NPN
V15
PTE13 | VRC_CTRL
2.2k
2.2uF
High-current
Logic supply (1.5V)
IBCTL
Figure 29. Ballast circuit
6.6 V11 regulator (NMOS ballast transistor control) electrical specifications
The chip hardware design guidelines document lists the recommended part number for NMOS. The S32K388 supports a linear
regulator stage for the V11 supply, with a dedicated pin to control an external NMOS transistor.
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
45 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com