Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 57Page - NXP Semiconductors S32K310 Datasheet HTML 58Page - NXP Semiconductors S32K310 Datasheet HTML 59Page - NXP Semiconductors S32K310 Datasheet HTML 60Page - NXP Semiconductors S32K310 Datasheet HTML 61Page - NXP Semiconductors S32K310 Datasheet HTML 62Page - NXP Semiconductors S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 143 page
background image
7 I/O parameters
7.1 GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)
The leakage current on the GPIO pins is specified as a function of the pad type (Standard, Standard Plus, Medium, Fast, or GPI)
and the number of Analog functions (CMP and ADC channels) multiplexed per pin.
For S32K388, see the ILKG column in the Pinout section of the IOMUX file attached to the Reference Manual.
For other devices, the "Analog Function Count" is defined from the number of CMP and ADC channels multiplexed to a given
pin. This information can be obtained from the "Direct Signals" column in the IOMUX files attached to the Reference Manual. The
"Analog Function Count" is shown in the Condition column of the following table.
Table 24. GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
VIH
Input high level DC
voltage threshold
0.70 x
VDD_HV
_A/B
—
VDD_HV
_A/B +
0.3
V
VDD_HV_A/B = 3.3V
—
VIL
Input low level DC
voltage threshold
VSS - 0.3 —
0.30 x
VDD_HV
_A/B
V
VDD_HV_A/B = 3.3V
—
WFRST
RESET Input
Filtered pulse width 1
—
—
33
ns
—
—
WNFRST
RESET Input not
filtered pulse width 2
100
—
—
ns
—
—
ILKG_33_S0
3.3V input leakage
current for Standard
GPIO 3
-133
—
300
nA
Pins with Analog
Function Count = 0
—
ILKG_33_S1
3.3V input leakage
current for Standard
GPIO 3
-545
—
445
nA
Pins with Analog
Function Count = 1
—
ILKG_33_S2
3.3V input leakage
current for Standard
GPIO 3
-749
—
517
nA
Pins with Analog
Function Count = 2,
plus PTA12, PTD1
—
ILKG_33_S3
3.3V input leakage
current for Standard
GPIO 3
-1288
—
679
nA
Pins with Analog
Function Count = 3,
plus PTD0
—
ILKG_33_S_PTE13 3.3V input leakage
current for Standard
GPIO 3
-1935
—
483
nA
PMC VRC_CTRL pin
—
ILKG_33_SP0
3.3V input leakage
current for Standard
Plus GPIO and
RESET IO 3
-370
—
575
nA
Pins with Analog
Function Count = 0
—
ILKG_33_SP1
3.3V input leakage
current for Standard
-660
—
659
nA
Pins with Analog
Function Count = 1
—
Table continues on the next page...
NXP Semiconductors
I/O parameters
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
61 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com