Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors S32K310 Datasheet HTML 88Page - NXP Semiconductors S32K310 Datasheet HTML 89Page - NXP Semiconductors S32K310 Datasheet HTML 90Page - NXP Semiconductors S32K310 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 143 page
background image
Table 42. FXOSC (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
EXTAL_SWING_
PP
Peak-to-peak
voltage swing on
EXTAL pin in crystal
oscillator mode (ALC
disabled) 3
1.2
—
2.75
V
—
—
CLKIN_VIL_
EXTAL_BYPASS
Input clock low level
in bypass mode
0
—
vref-0.5
V
vref=0.5*VDD_HV_A
—
CLKIN_VIH_
EXTAL_BYPASS
Input clock high level
in bypass mode
vref+0.5
—
VDD_HV
_A
V
vref=0.5*VDD_HV_A
—
VSB
Self Bias Voltage
350
—
850
mV
—
—
GM
Amplifier
Transconductance
9.7
—
18.5
mA/V
GM_SEL[3:0] =
4`b1111
—
1. For bypass mode applications, the EXTAL pin should be driven low when FXOSC is in off/disabled state.
2. The startup time specification is valid only when the recommended crystal and load capacitors are used. For higher load
capacitances, the actual startup time might be higher.
3. The recommended gm setting to ensure extal swing < 2.75V at 8MHz in ALC-disabled mode is gm=4'b0010.
Recommended gm settings in ALC-disabled mode for all other supported frequencies and crystals remain the same.
To ensure stable oscillations, FXOSC incorporates the feedback resistance internally.
Drive level is a crystal specification and if crystal load capacitance is increased beyond the recommended value, it may violate
the crystal drive level rating. In such cases, contact NXP sales representative for selecting the correct crystal.
Crystal oscillator circuit provides stable oscillations when gmXOSC > 5 * gm_crit. The gm_crit is defined as:
gm_crit = 4 * (ESR + RS) * (2πF)2 * (C0 + CL)2
where:
• gmXOSC is the transconductance of the internal oscillator circuit
• ESR is the equivalent series resistance of the external crystal
• RS is the series resistance connected between XTAL pin and external crystal for current limitation
• F is the external crystal oscillation frequency
• C0 is the shunt capacitance of the external crystal
• CL is the external crystal total load capacitance. CL = Cs+ [C1*C2/(C1+C2)]
• Cs is stray or parasitic capacitance on the pin due to any PCB traces
• C1, C2 external load capacitances on EXTAL and XTAL pins
See manufacture datasheet for external crystal component values
Figure 40. Oscillation build-up equation
To improve the FXOSC & PLL jitter performance in S32K328, S32K338, S32K348, S32K358 the functionality of
the pins (namely - PTG0,PTG3,PTF11,PTF19,PTF30, PMOS_CTRL in BGA289 package) cannot be
toggling edge aligned.
NOTE
To improve the FXOSC jitter & duty cycle performance in S32K310, S32K311, S32K312, S32K322, S32K341
S32K342, S32K314,S32K324 and S32K344, the functionality of the pin next to the Oscillator (namely, PTE14 in
172-HDQFP and PTE3 in 100-HDQFP package) must be limited to static GPIO operation.
NOTE
NXP Semiconductors
Clocking modules
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
87 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com