Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 62Page - NXP Semiconductors S32K310 Datasheet HTML 63Page - NXP Semiconductors S32K310 Datasheet HTML 64Page - NXP Semiconductors S32K310 Datasheet HTML 65Page - NXP Semiconductors S32K310 Datasheet HTML 66Page - NXP Semiconductors S32K310 Datasheet HTML 67Page - NXP Semiconductors S32K310 Datasheet HTML 68Page - NXP Semiconductors S32K310 Datasheet HTML 69Page - NXP Semiconductors S32K310 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 143 page
background image
Table 25. GPIO DC electrical specifications, 5.0V (4.5V - 5.5V) (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
ILKG_50_M0
5.0V input leakage
current for Medium
GPIO 3
-1036
—
951
nA
Pins with Analog
Function Count = 0
—
ILKG_50_M1
5.0V input leakage
current for Medium
GPIO 3
-1284
—
1057
nA
Pins with Analog
Function Count = 1,
plus PTC16, PTD5
—
ILKG_50_M2
5.0V input leakage
current for Medium
GPIO 3
-1518
—
1298
nA
Pins PTD6 and PTE8
—
ILKG_50_F0
5.0V input leakage
current for Fast
GPIO 3
-1675
—
1497
nA
Pins with Analog
Function Count = 0
—
ILKG_50_F1
5.0V input leakage
current for Fast
GPIO 3
-1805
—
1573
nA
Pins with Analog
Function Count = 1
—
ILKG_50_I
5.0V input leakage
current for GPI 3
-150
—
150
nA
—
—
VHYS_50
input hysteresis
voltage
0.06 x
VDD_HV
_A/B
—
—
mV
Always enabled.
—
CIN
GPIO Input
capacitance
2
4
6
pF
add 2pF for package/
parasitic
—
IPU_50
5.0V GPIO pull up/
down resistance
20
—
55
kΩ
pull up @ 0.3 * VDD_
HV_*, pull down @ 0.7
* VDD_HV_*
—
IOH_50_S
5.0V output
high current
Standard GPIO 4,5
1.6
—
—
mA
VOH >= VDD_HV_A/B
- 0.7V
—
IOH_50_SP
5.0V output high
current Standard
Plus GPIO and
RESET IO 4,5
2.5
—
—
mA
DSE = 0, VOH >=
VDD_HV_A/B - 0.7V
—
IOH_50_M
5.0V output high
current for Medium
GPIO 4,5
4.0
—
—
mA
DSE = 0, VOH >=
VDD_HV_A/B - 0.7V
—
IOH_50_F
5.0V output high
current for Fast
GPIO 4,5
6.0
—
—
mA
DSE = 0, VOH >=
VDD_HV_A/B - 0.7V
—
IOH_50_SP
5.0V output high
current for Standard
Plus GPIO and
RESET IO 4,5
5.0
—
—
mA
DSE = 1, VOH >=
VDD_HV_A/B - 0.7V
—
Table continues on the next page...
NXP Semiconductors
I/O parameters
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
66 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com