Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors S32K310 Datasheet HTML 84Page - NXP Semiconductors S32K310 Datasheet HTML 85Page - NXP Semiconductors S32K310 Datasheet HTML 86Page - NXP Semiconductors S32K310 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 143 page
background image
0
3.0
4.0
30
60
Hysteresis
(mV)
0
Vin level (V)
Junction Temp (°C)
VDD_HV_A (V)
HYSTCTR setting
0.5
2.5
4.5
5.0
1.0
3.5
5
25
90
1.5
2.0
00
01
10
11
Figure 38. Typical Hysteresis vs Vin level (VDD_HV_A = 5 V, High Speed Mode).png
0
3.0
4.0
Vin level (V)
Junction Temp (°C)
VDD_HV_A (V)
HYSTCTR setting
0.5
2.5
4.5
5.0
1.0
3.5
5
25
1.5
2.0
00
01
10
11
20
40
60
Hysteresis
(mV)
0
Figure 39. Typical Hysteresis vs Vin level (VDD_HV_A = 5 V, Low Speed Mode).png
10.4 Temperature Sensor
The table below gives the specification for the MCU on-die temperature sensor.
Table 38. Temperature Sensor
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
TS_TJ
Junction
temperature
monitoring range
-40
—
150
°C
—
—
TS_IV25
ON state current
consumption on V25
—
400
—
µA
ETS_EN=1
—
TS_ACC1
Temperature output
error at circuit output
(Voltage) 1,2,3
-5
0
+5
°C
100 °C < Tj <= 150 °C
—
Table continues on the next page...
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
83 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com