Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 75Page - NXP Semiconductors S32K310 Datasheet HTML 76Page - NXP Semiconductors S32K310 Datasheet HTML 77Page - NXP Semiconductors S32K310 Datasheet HTML 78Page - NXP Semiconductors S32K310 Datasheet HTML 79Page - NXP Semiconductors S32K310 Datasheet HTML 80Page - NXP Semiconductors S32K310 Datasheet HTML 81Page - NXP Semiconductors S32K310 Datasheet HTML 82Page - NXP Semiconductors S32K310 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 143 page
background image
Table 35. SAR_ADC (continued)
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
RSW1
Channel selection
Switch impedance
65.9
—
1410
Ohm
all channels
—
RSW1
Channel selection
Switch impedance
65.9
—
712
Ohm
Precision channels
—
RSW1
Channel selection
Switch impedance
65.9
—
1410
Ohm
Standard channels
—
1. Appropriate decoupling capacitors to be used to filter noise on the supplies. See application note AN5032 for reference supply design for
SAR ADC.
2. VSS and VREFL should be shorted on PCB. 100mV difference between VSS and VREFL is for transient only (not for DC).
3. This is ADC Input range for ADC accuracy guaranteed in this input range only. For SoC Pin capability, see Operation Condition Section.
4. Spec valid if potential difference between VDD_HV_A and VREFH should follow VDD_HV_A +0.1V >=VREFH >= VDD_HV_A -1.5V
5. TUE spec for precision and standard channels is based on 12-bit level resolution.
VA
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
RS
Source Impedance
RF
Filter Resistance
CF
Filter Capacitance
RL
Current Limiter Resistance
RSW1 Channel Selection Switch Impedance
RAD Sampling Switch Impedance
CP
Pin Capacitance (two contributions: CP1, CP2)
CS
Sampling Capacitance
INTERNAL CIRCUIT SCHEME
CF
CP1
CP2
CS
RS
RF
RL
RSW1
VDD_HV_A
RAD
Channel
Selection
Sampling
Figure 35. SAR ADC Input Circuit
10.2 Supply Diagnosis
The table below gives the specification for the on die supply diagnosis.
Table 36. Supply Diagnosis
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
AN_ACC
Offset to internally
monitored supply at
ADC input 1,2,3
-5
0
5
%
—
—
AN_T_on
Switching time from
closed (OFF) to
conducting (ON) 1
—
2.5
12
ns
—
—
AN_TADCSA
Required ADC
sampling time 2
1.2
—
—
µs
—
—
NXP Semiconductors
Analog modules
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
79 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com