Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 49Page - NXP Semiconductors S32K310 Datasheet HTML 50Page - NXP Semiconductors S32K310 Datasheet HTML 51Page - NXP Semiconductors S32K310 Datasheet HTML 52Page - NXP Semiconductors S32K310 Datasheet HTML 53Page - NXP Semiconductors S32K310 Datasheet HTML 54Page - NXP Semiconductors S32K310 Datasheet HTML 55Page - NXP Semiconductors S32K310 Datasheet HTML 56Page - NXP Semiconductors S32K310 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 143 page
background image
Table 17. RUN mode supply currents (peripherals disabled) for S32K3x8, S32K34x, S32K32x and S32K314 (continued)
S32K344,
S32K324,
S32K314
25, typ 7
51.3
54.8
69.6
62.7
75.1
97.5
NA
NA
0.6
3.1
25, max 8
60.2
64.5
80.4
73.3
86.8
110
0.8
3.6
85, typ 7
64.5
68.1
83.1
76.2
89
111
0.6
3.2
85, max 8
104
108
124
117
131
155
0.8
3.9
105, typ 7
75.4
79
93.9
87.3
100
122.6
0.6
3.2
105, max 8
145
149
166
159
173
197
0.8
4.0
125, typ 7
97.4
101.2
116.4
110
122.9
145.7
0.6
3.3
125, max 8, 9
191
196
212
206
220
245
0.8
4.3
S32K342,
S32K322,
S32K341
25, typ 7
49.5
52.2
66.3
58.9
72.7
93.7
0.5
3.0
25, max 8
58.5
62.4
75.9
68.1
82.9
104.6
NA
NA
0.8
3.6
85, typ 7
58.6
63.6
75.7
67.9
82.3
106.1
0.5
3.0
85, max 8
89.6
102.3
110.8
105.4
124.1
155
0.8
3.8
105, typ 7
68.3
76
85.6
80
92.3
119.3
0.5
3.1
105, max 8
124
143.4
157.5
150.5
164.5
191.6
0.8
4.0
125, typ 7
79.8
85.1
97.1
89.1
103.8
140.1
0.5
3.2
125, max 8, 9 146.7
164.7
178
171.3
188.7
235.6
0.8
4.2
1. Current numbers are for reduced configuration and may vary based on user configuration and silicon process variation.
2. See the configurations in Table 22.
3. RUN IDD @ V15 includes Flash memory read current from the V11 voltage rail.
4. For S32K388, the current from a V15 supply will flow through the external NMOS for the V11 regulation stage, and into the
V11 pins of the device.
5. IO load current is not included. The actual current requirements for IOs will depend on the I/O configuration in the
application.
6. RUN IDD @ VDD_HV_A includes Flash memory read current from the V25 voltage rail.
7. “typ” is indicative of the average current numbers at the nominal internally regulated V11 supply voltage, VDD_HV_A =
5.0V, VDD_HV_B = 5.0V, V15 = 1.5V, for the typical silicon process.
8. "max" is indicative of the maximum current numbers at the maximum internally regulated V11 supply voltage (1.16 V),
VDD_HV_A = 5.5V, VDD_HV_B = 5.5V, V15= 1.65V, for the fast silicon process.
9. For the maximum allowable RUN current in an application, the junction temperature must be kept below the maximum
specification, TJ < 150°C, to avoid self-heating.
The data in this table is preliminary and based on first samples.
NOTE
Typical current numbers are indicative for typical silicon process and may vary based on the silicon distribution and user
configuration. Typical conditions assumes VDD_HV_A = VREFH = 5 V, VDD_HV_B = 5V (if the VDD_HV_B domain present in the
device), temperature = 25 °C and typical silicon process unless otherwise stated.
NXP Semiconductors
Power management
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
53 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com