Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 91Page - NXP Semiconductors S32K310 Datasheet HTML 92Page - NXP Semiconductors S32K310 Datasheet HTML 93Page - NXP Semiconductors S32K310 Datasheet HTML 94Page - NXP Semiconductors S32K310 Datasheet HTML 95Page - NXP Semiconductors S32K310 Datasheet HTML 96Page - NXP Semiconductors S32K310 Datasheet HTML 97Page - NXP Semiconductors S32K310 Datasheet HTML 98Page - NXP Semiconductors S32K310 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 143 page
background image
Table 47. LPSPI5 and LPSPI0 20MHz combination for S32K388
LPSPI Instance
Signal Type
PIN
LPSPI Signal
LPSPI5 Master Loopback
PCS
PTD17
LPSPI5_PCS0
SCK
PTD14
LPSPI5_SCK
SOUT(MOSI)
PTE9
LPSPI5_SOUT
SIN(MISO)
PTD13
LPSPI5_SIN
LPSPI0 Master Loopback
PCS
PTD6
LPSPI0_PCS0
SCK
PTD11
LPSPI0_SCK
SOUT(MOSI)
PTD12
LPSPI0_SOUT
SIN(MISO)
PTD10
LPSPI0_SIN
12.4 Communication between two S32K388 devices
S32K388 devices supports fast data sending between two of them. Interface uses is four data lines at frequency of 6.6MHz in one
direction and four data lines at frequency of 6.6MHz in opposite direction. Configuration of LPSPI interface is 4x data lines half
duplex mode. For purpose of this communication LPSPI2, LPSPI5 and set of PINs was designed. Below figure shows diagram of
connection between two S32K388 devices. Left device will use LPSPI2 in Master 4x data line half duplex mode to send data to
LPSPI2 in Slave 4x dataline half duplex mode on second device. Similarly LPSPI5, but for in opposite direction than LPSPI2 do.
PCS
SCK
D0
D1
D2
D3
PCS
SCK
D0
D1
D2
D3
Figure 46. Connection between two S32K388 devices
Table 48. Pins and signals assignment for this communication.
K388 Left
K388 Right
LPSPI instance Signal
type
PIN
LPSPI signal
LPSPI instance Signal
type
PIN
LPSPI signal
Table continues on the next page...
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
95 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com