Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 109 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 105Page - NXP Semiconductors S32K310 Datasheet HTML 106Page - NXP Semiconductors S32K310 Datasheet HTML 107Page - NXP Semiconductors S32K310 Datasheet HTML 108Page - NXP Semiconductors S32K310 Datasheet HTML 109Page - NXP Semiconductors S32K310 Datasheet HTML 110Page - NXP Semiconductors S32K310 Datasheet HTML 111Page - NXP Semiconductors S32K310 Datasheet HTML 112Page - NXP Semiconductors S32K310 Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 143 page
background image
Program register value QuadSPI_DLLCRA[SLV_FINE_OFFSET] to 4'b0001.
Data transitions measured at 30%/70% supply for the write path. Data transitions measured at mid-supply for the read path. Clock
transitions measured at mid-supply.
Table 57. QuadSPI Quad 3.3V SDR 120MHz
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSCK
SCK clock
frequency 1
—
—
120
MHz
Pad Loopback
—
fSCK
SCK clock
frequency 1
—
—
60
MHz
Internal Loopback
—
tSCK
SCK clock period
1/fSCK
—
—
ns
Pad Loopback
—
tSCK
SCK clock period
1/fSCK
—
—
ns
Internal Loopback
—
tSDC
SCK duty cycle 2
45
—
55
%
Internal Loopback
—
tSDC
SCK duty cycle 2
45
—
55
%
Pad Loopback
—
tIS
Data input setup
time
1.75
—
—
ns
Pad Loopback
—
tIS
Data input setup
time
9
—
—
ns
Internal Loopback
—
tIH
Data input hold time 1
—
—
ns
Pad Loopback
—
tIH
Data input hold time 1
—
—
ns
Internal Loopback
—
tOV
Data output valid
time
—
—
1.75
ns
Pad Loopback
—
tOV
Data output valid
time
—
—
1.75
ns
Internal Loopback
—
tIV
Data output invalid
time
-1.5
—
—
ns
Pad Loopback
—
tIV
Data output invalid
time
-1.5
—
—
ns
Internal Loopback
—
tCSSCK
CS to SCK time
5
—
—
ns
Pad Loopback
—
tCSSCK
CS to SCK time
5
—
—
ns
Internal Loopback
—
tSCKCS
SCK to CS time
3
—
—
ns
Pad Loopback
—
tSCKCS
SCK to CS time
3
—
—
ns
Internal Loopback
—
1. This frequency specification is valid only if output valid time of external flash is ≤ 5.5ns, and if output valid time of
external flash is more than 5.5ns but ≤ 6.5ns, then maximum fSCK is 104MHz.
2. For S32K342 100HDQFP, tSDC spec would be 44%-56% when ENET and SAI active along with QuadSPI at 120MHZ
NXP Semiconductors
Communication interfaces
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
109 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com