Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 124 Page - NXP Semiconductors

Part # S32K310
Description  Automotive General Purpose MCUs
PDF  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors S32K310 Datasheet HTML 125Page - NXP Semiconductors S32K310 Datasheet HTML 126Page - NXP Semiconductors S32K310 Datasheet HTML 127Page - NXP Semiconductors S32K310 Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 143 page
background image
15 Dimensions
15.1 Obtaining package dimensions
Package dimensions are provided in the package drawings. To find a package drawing, go to nxp.com and perform a keyword
search for the drawing’s document number:
Package option
Document Number
48-pin LQFP
98ASH00962A
257-ball MAPBGA
98ASA01483D
172-pin HDQFP
98ASA01107D
100-pin HDQFP
98ASA01570D
172-pin HDQFP_EP
98ASA01667D
289-ball MAPBGA
98ASA01216D
16 Revision history
The following table lists the changes in this document.
Rev 9.1, March 2024
• In table "LPSPI5 and LPSPI0 20MHz combination for S32K388", updated the instances of LPSPI2 to LPSPI5.
• In "GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)", updated conditions for "FMAX_33_F" mentioning it
for specific devices.
Rev 9, January 2024
• In "features", updated "Up to 512 KB SRAM with ECC, includes 192 KB" to "Up to 1152 KB SRAM with ECC, includes
384 KB".
• Updated "feature comparison".
• Updated the DMIPS values in the Table of Features to align with the footnotes.
• In Absolute Max Ratings :
— Updated footnote "When the input pad voltage levels are close to VDD_HV_A (respectively to VDD_HV_B)..." and
referred to S32K3xx hardware design guidelines instead of AN.
— Updated footnotes "Absolute max ratings must be..." and "When the input pad voltage levels.."
— Added new footnote "If a positive injection current is present..." to spec "I_INJSUM_DC_ABS".
— Added "S32K388" in statement "The VDD_DCDC supply voltage is only present in certain devices.."
— Updated condition for V15 and V11 spec.
• In Voltage and current operating requirements :
Table continues on the next page...
NXP Semiconductors
Dimensions
S32K3xx Data Sheet, Rev. 9.1, 03/2024
Data Sheet: Technical Data
Preliminary Information for S32K388
124 / 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com