Electronic Components Datasheet Search
  English  ▼

X  

C8051F340 Datasheet(PDF) 47 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 47 Page - Silicon Laboratories

Back Button C8051F340 Datasheet HTML 43Page - Silicon Laboratories C8051F340 Datasheet HTML 44Page - Silicon Laboratories C8051F340 Datasheet HTML 45Page - Silicon Laboratories C8051F340 Datasheet HTML 46Page - Silicon Laboratories C8051F340 Datasheet HTML 47Page - Silicon Laboratories C8051F340 Datasheet HTML 48Page - Silicon Laboratories C8051F340 Datasheet HTML 49Page - Silicon Laboratories C8051F340 Datasheet HTML 50Page - Silicon Laboratories C8051F340 Datasheet HTML 51Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 288 page
background image
Rev. 1.0
47
C8051F340/1/2/3/4/5/6/7
5.2.
Temperature Sensor
The temperature sensor transfer function is shown in Figure 5.2. The output voltage (VTEMP) is the positive
ADC input when the temperature sensor is selected by bits AMX0P4-0 in register AMX0P. Values for the
Offset and Slope parameters can be found in Table 5.1.
Temperature
VTEMP = (Gain x TempC) + Offset
Offset (V at 0 Celsius)
Gain (V / deg C)
TempC = (VTEMP - Offset) / Gain
Figure 5.2. Temperature Sensor Transfer Function
The uncalibrated temperature sensor output is extremely linear and suitable for relative temperature mea-
surements (see Table 5.1 for linearity specifications). For absolute temperature measurements, offset and/
or gain calibration is recommended. Typically a 1-point (offset) calibration includes the following steps:
Step 1. Control/measure the ambient temperature (this temperature must be known).
Step 2. Power the device, and delay for a few seconds to allow for self-heating.
Step 3. Perform an ADC conversion with the temperature sensor selected as the positive input
and GND selected as the negative input.
Step 4. Calculate the offset characteristics, and store this value in non-volatile memory for use
with subsequent temperature sensor measurements.
Figure 5.3 shows the typical temperature sensor error assuming a 1-point calibration at 25 °C.
Note that
parameters which affect ADC measurement, in particular the voltage reference value, will also
affect temperature measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com