| Electronic Components Datasheet Search |
|
C8051F340 Datasheet(PDF) 10 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F340 Datasheet(HTML) 10 Page - Silicon Laboratories |
|
10 / 288 page ![]() C8051F340/1/2/3/4/5/6/7 10 Rev. 1.0 11. Reset Sources Figure 11.1. Reset Sources.................................................................................... 105 Figure 11.2. Power-On and VDD Monitor Reset Timing ........................................ 106 12. Flash Memory Figure 12.1. Flash Program Memory Map and Security Byte................................. 116 13. External Data Memory Interface and On-Chip XRAM Figure 13.1. USB FIFO Space and XRAM Memory Map with USBFAE set to ‘1’ .. 122 Figure 13.2. Multiplexed Configuration Example.................................................... 126 Figure 13.3. Non-multiplexed Configuration Example ............................................ 127 Figure 13.4. EMIF Operating Modes ...................................................................... 127 Figure 13.5. Non-multiplexed 16-bit MOVX Timing ................................................ 131 Figure 13.6. Non-multiplexed 8-bit MOVX without Bank Select Timing ................. 132 Figure 13.7. Non-multiplexed 8-bit MOVX with Bank Select Timing ...................... 133 Figure 13.8. Multiplexed 16-bit MOVX Timing........................................................ 134 Figure 13.9. Multiplexed 8-bit MOVX without Bank Select Timing ......................... 135 Figure 13.10. Multiplexed 8-bit MOVX with Bank Select Timing ............................ 136 14. Oscillators Figure 14.1. Oscillator Diagram.............................................................................. 139 15. Port Input/Output Figure 15.1. Port I/O Functional Block Diagram (Port 0 through Port 3) ................ 151 Figure 15.2. Port I/O Cell Block Diagram ............................................................... 152 Figure 15.3. Crossbar Priority Decoder with No Pins Skipped ............................... 153 Figure 15.4. Crossbar Priority Decoder with Crystal Pins Skipped ........................ 154 16. Universal Serial Bus Controller (USB0) Figure 16.1. USB0 Block Diagram.......................................................................... 167 Figure 16.2. USB0 Register Access Scheme......................................................... 170 Figure 16.3. USB FIFO Allocation .......................................................................... 175 17. SMBus Figure 17.1. SMBus Block Diagram ....................................................................... 197 Figure 17.2. Typical SMBus Configuration ............................................................. 198 Figure 17.3. SMBus Transaction ............................................................................ 199 Figure 17.4. Typical SMBus SCL Generation......................................................... 203 Figure 17.5. Typical Master Transmitter Sequence................................................ 209 Figure 17.6. Typical Master Receiver Sequence.................................................... 210 Figure 17.7. Typical Slave Receiver Sequence...................................................... 211 Figure 17.8. Typical Slave Transmitter Sequence.................................................. 212 18. UART0 Figure 18.1. UART0 Block Diagram ....................................................................... 215 Figure 18.2. UART0 Baud Rate Logic .................................................................... 216 Figure 18.3. UART Interconnect Diagram .............................................................. 217 Figure 18.4. 8-Bit UART Timing Diagram............................................................... 217 Figure 18.5. 9-Bit UART Timing Diagram............................................................... 218 Figure 18.6. UART Multi-Processor Mode Interconnect Diagram .......................... 219 19. UART1 (C8051F340/1/4/5 Only) Figure 19.1. UART1 Block Diagram ....................................................................... 223 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |