Electronic Components Datasheet Search
  English  ▼

X  

C8051F340 Datasheet(PDF) 71 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 71 Page - Silicon Laboratories

Back Button C8051F340 Datasheet HTML 67Page - Silicon Laboratories C8051F340 Datasheet HTML 68Page - Silicon Laboratories C8051F340 Datasheet HTML 69Page - Silicon Laboratories C8051F340 Datasheet HTML 70Page - Silicon Laboratories C8051F340 Datasheet HTML 71Page - Silicon Laboratories C8051F340 Datasheet HTML 72Page - Silicon Laboratories C8051F340 Datasheet HTML 73Page - Silicon Laboratories C8051F340 Datasheet HTML 74Page - Silicon Laboratories C8051F340 Datasheet HTML 75Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 288 page
background image
Rev. 1.0
71
C8051F340/1/2/3/4/5/6/7
SFR Definition 7.6. CPT1MD: Comparator1 Mode Selection
Bits7–6: UNUSED. Read = 00b, Write = don’t care.
Bit5:
CP1RIE: Comparator1 Rising-Edge Interrupt Enable.
0: Comparator1 rising-edge interrupt disabled.
1: Comparator1 rising-edge interrupt enabled.
Bit4:
CP1FIE: Comparator1 Falling-Edge Interrupt Enable.
0: Comparator1 falling-edge interrupt disabled.
1: Comparator1 falling-edge interrupt enabled.
Bits1–0: CP1MD1–CP1MD0: Comparator1 Mode Select.
These bits select the response time for Comparator1.
* See Table 7.1 for response time parameters.
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
-
-
CP1RIE
CP1FIE
-
-
CP1MD1 CP1MD0 00000010
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
SFR Address:
0x9C
Mode
CP1MD1 CP1MD0
CP1 Response Time*
0
0
0
Fastest Response
101
210
311
Lowest Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com