| Electronic Components Datasheet Search |
|
C8051F340 Datasheet(PDF) 29 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F340 Datasheet(HTML) 29 Page - Silicon Laboratories |
|
29 / 288 page ![]() Rev. 1.0 29 C8051F340/1/2/3/4/5/6/7 1.7. Serial Ports The C8051F340/1/2/3/4/5/6/7 Family includes an SMBus/I2C interface, full-duplex UARTs, and an Enhanced SPI interface. Each of the serial buses is fully implemented in hardware and makes extensive use of the CIP-51's interrupts, thus requiring very little CPU intervention. 1.8. Programmable Counter Array An on-chip Programmable Counter/Timer Array (PCA) is included in addition to the four 16-bit general pur- pose counter/timers. The PCA consists of a dedicated 16-bit counter/timer time base with five programma- ble capture/compare modules. The PCA clock is derived from one of six sources: the system clock divided by 12, the system clock divided by 4, Timer 0 overflows, a dedicated External Clock Input (ECI), the sys- tem clock, or the external oscillator clock source divided by 8. The external clock source selection is useful for real-time clock functionality, where the PCA may be clocked by an external source while the internal oscillator drives the system clock. Each capture/compare module can be configured to operate in one of six modes: Edge-Triggered Capture, Software Timer, High Speed Output, 8- or 16-bit Pulse Width Modulator, or Frequency Output. Additionally, Capture/Compare Module 4 offers watchdog timer (WDT) capabilities. Following a system reset, Module 4 is configured and enabled in WDT mode. The PCA Capture/Compare Module I/O and External Clock Input may be routed to Port I/O via the Digital Crossbar. Capture/Compare Module 1 Capture/Compare Module 0 Capture/Compare Module 2 Capture/Compare Module 3 Capture/Compare Module 4 / WDT Crossbar Port I/O 16-Bit Counter/Timer PCA CLOCK MUX SYSCLK/12 SYSCLK/4 Timer 0 Overflow ECI SYSCLK External Clock/8 Figure 1.8. PCA Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |