Electronic Components Datasheet Search
  English  ▼

X  

C8051F340 Datasheet(PDF) 34 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 34 Page - Silicon Laboratories

Back Button C8051F340 Datasheet HTML 30Page - Silicon Laboratories C8051F340 Datasheet HTML 31Page - Silicon Laboratories C8051F340 Datasheet HTML 32Page - Silicon Laboratories C8051F340 Datasheet HTML 33Page - Silicon Laboratories C8051F340 Datasheet HTML 34Page - Silicon Laboratories C8051F340 Datasheet HTML 35Page - Silicon Laboratories C8051F340 Datasheet HTML 36Page - Silicon Laboratories C8051F340 Datasheet HTML 37Page - Silicon Laboratories C8051F340 Datasheet HTML 38Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 288 page
background image
C8051F340/1/2/3/4/5/6/7
34
Rev. 1.0
Other electrical characteristics tables are found in the data sheet section corresponding to the associated
peripherals. For more information on electrical characteristics for a specific peripheral, refer to the page
indicated in Table 3.2.
IDD Frequency Sensitivity3,6
VDD = 3.3 V, SYSCLK < 1 MHz,
T = 25 ºC
VDD = 3.3 V, SYSCLK > 1 MHz,
T = 25 ºC
VDD = 3.6 V, SYSCLK < 1 MHz,
T = 25 ºC
VDD = 3.6 V, SYSCLK > 1 MHz,
T = 25 ºC
0.44
0.32
0.49
0.36
mA/MHz
mA/MHz
mA/MHz
mA/MHz
Digital Supply Current (Stop
Mode, shutdown)
Oscillator not running,
VDD monitor disabled
< 0.1
µA
Digital Supply Current for USB
Module (USB Active Mode)
VDD = 3.3 V, USB Clock = 48 kHz
VDD = 3.6 V, USB Clock = 48 kHz
8.69
9.59
mA
mA
Digital Supply Current for USB
Module (USB Suspend Mode)
Oscillator not running
VDD monitor disabled
< 0.1
µA
Notes:
1. USB Requires 3.0 V Minimum Supply Voltage.
2. SYSCLK must be at least 32 kHz to enable debugging.
3. Based on device characterization of data; Not production tested.
4. Active and Inactive IDD at voltages and frequencies other than those specified can be calculated using the IDD
Supply Sensitivity. For example, if the VDD is 3.0 V instead of 3.3 V at 24 MHz: IDD = 13.9 mA typical at 3.3 V
and SYSCLK = 24 MHz. From this, IDD = 13.9 mA + 0.46 x (3.0 V – 3.3 V) = 13.76 mA at 3.0 V and SYSCLK
= 24 MHz.
5. IDD can be estimated for frequencies < 30 MHz by multiplying the frequency of interest by the frequency
sensitivity number for that range. When using these numbers to estimate IDD for > 30 MHz, the estimate should
be the current at 24 MHz (or 48 MHz) minus the difference in current indicated by the frequency sensitivity
number. For example: VDD = 3.3 V; SYSCLK = 35 MHz, IDD = 13.9 mA – (24 MHz – 35 MHz) x 0.44 mA/MHz =
18.74 mA.
6. Idle IDD can be estimated for frequencies < 1 MHz by multiplying the frequency of interest by the frequency
sensitivity number for that range. When using these numbers to estimate Idle IDD for > 1 MHz, the estimate
should be the current at 24 MHz (or 48 MHz) minus the difference in current indicated by the frequency
sensitivity number. For example: VDD = 3.3 V; SYSCLK = 5 MHz, Idle IDD = 8.25 mA – (24 MHz – 5 MHz) x
0.32 mA/MHz = 2.17 mA.
Table 3.1. Global DC Electrical Characteristics (Continued)
–40 to +85 °C, 25 MHz System Clock unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com