Electronic Components Datasheet Search
  English  ▼

X  

C8051F340 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button C8051F340 Datasheet HTML 5Page - Silicon Laboratories C8051F340 Datasheet HTML 6Page - Silicon Laboratories C8051F340 Datasheet HTML 7Page - Silicon Laboratories C8051F340 Datasheet HTML 8Page - Silicon Laboratories C8051F340 Datasheet HTML 9Page - Silicon Laboratories C8051F340 Datasheet HTML 10Page - Silicon Laboratories C8051F340 Datasheet HTML 11Page - Silicon Laboratories C8051F340 Datasheet HTML 12Page - Silicon Laboratories C8051F340 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 288 page
background image
Rev. 1.0
9
C8051F340/1/2/3/4/5/6/7
List of Figures
1. System Overview
Figure 1.1. C8051F340/1/4/5 Block Diagram ........................................................... 21
Figure 1.2. C8051F342/3/6/7 Block Diagram ........................................................... 22
Figure 1.3. On-Chip Clock and Reset ...................................................................... 24
Figure 1.4. On-Chip Memory Map for 64kB Devices (C8051F340/2/4/6) ................ 25
Figure 1.5. USB Controller Block Diagram............................................................... 26
Figure 1.6. Digital Crossbar Diagram ....................................................................... 28
Figure 1.7. PCA Block Diagram ............................................................................... 29
Figure 1.8. PCA Block Diagram ............................................................................... 29
Figure 1.9. 10-Bit ADC Block Diagram..................................................................... 30
Figure 1.10. Comparator0 Block Diagram ................................................................ 31
2. Absolute Maximum Ratings
3. Global DC Electrical Characteristics
4. Pinout and Package Definitions
Figure 4.1. TQFP-48 Pinout Diagram (Top View) .................................................... 39
Figure 4.2. TQFP-48 Package Diagram................................................................... 40
Figure 4.3. LQFP-32 Pinout Diagram (Top View) .................................................... 41
Figure 4.4. LQFP-32 Package Diagram ................................................................... 42
5. 10-Bit ADC (ADC0)
Figure 5.1. ADC0 Functional Block Diagram............................................................ 45
Figure 5.2. Temperature Sensor Transfer Function ................................................. 47
Figure 5.3. Temperature Sensor Error with 1-Point Calibration (VREF = 2.40 V).... 48
Figure 5.4. 10-Bit ADC Track and Conversion Example Timing .............................. 50
Figure 5.5. ADC0 Equivalent Input Circuits.............................................................. 51
Figure 5.6. ADC Window Compare Example: Right-Justified Single-Ended Data ... 58
Figure 5.7. ADC Window Compare Example: Left-Justified Single-Ended Data ..... 58
Figure 5.8. ADC Window Compare Example: Right-Justified Differential Data ....... 59
Figure 5.9. ADC Window Compare Example: Left-Justified Differential Data.......... 59
6. Voltage Reference
Figure 6.1. Voltage Reference Functional Block Diagram ....................................... 61
7. Comparators
Figure 7.1. Comparator Functional Block Diagram .................................................. 64
Figure 7.2. Comparator Hysteresis Plot ................................................................... 65
8. Voltage Regulator (REG0)
Figure 8.1. REG0 Configuration: USB Bus-Powered ............................................... 74
Figure 8.2. REG0 Configuration: USB Self-Powered ............................................... 74
Figure 8.3. REG0 Configuration: USB Self-Powered, Regulator Disabled .............. 75
Figure 8.4. REG0 Configuration: No USB Connection............................................. 75
9. CIP-51 Microcontroller
Figure 9.1. CIP-51 Block Diagram............................................................................ 77
Figure 9.2. Memory Map .......................................................................................... 83
10. Prefetch Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com