Electronic Components Datasheet Search
  English  ▼

X  

C8051F340 Datasheet(PDF) 73 Page - Silicon Laboratories

Part # C8051F340
Description  Full Speed USB Flash MCU Family
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F340 Datasheet(HTML) 73 Page - Silicon Laboratories

Back Button C8051F340 Datasheet HTML 69Page - Silicon Laboratories C8051F340 Datasheet HTML 70Page - Silicon Laboratories C8051F340 Datasheet HTML 71Page - Silicon Laboratories C8051F340 Datasheet HTML 72Page - Silicon Laboratories C8051F340 Datasheet HTML 73Page - Silicon Laboratories C8051F340 Datasheet HTML 74Page - Silicon Laboratories C8051F340 Datasheet HTML 75Page - Silicon Laboratories C8051F340 Datasheet HTML 76Page - Silicon Laboratories C8051F340 Datasheet HTML 77Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 288 page
background image
Rev. 1.0
73
C8051F340/1/2/3/4/5/6/7
8. Voltage Regulator (REG0)
C8051F340/1/2/3/4/5/6/7 devices include a voltage regulator (REG0). When enabled, the REG0 output
appears on the VDD pin and can be used to power external devices. REG0 can be enabled/disabled by
software using bit REGEN in register REG0CN. See Table 8.1 for REG0 electrical characteristics.
Note that the VBUS signal must be connected to the VBUS pin when using the device in a USB network.
The VBUS signal should only be connected to the REGIN pin when operating the device as a bus-powered
function. REG0 configuration options are shown in Figure 8.1–Figure 8.4.
8.1.
Regulator Mode Selection
REG0 offers a low power mode intended for use when the device is in suspend mode. In this low power
mode, the REG0 output remains as specified; however the REG0 dynamic performance (response time) is
degraded. See Table 8.1 for normal and low power mode supply current specifications. The REG0 mode
selection is controlled via the REGMOD bit in register REG0CN.
8.2.
VBUS Detection
When the USB Function Controller is used (see section
Section “16. Universal Serial Bus Controller
(USB0)” on page 167), the VBUS signal should be connected to the VBUS pin. The VBSTAT bit (register
REG0CN) indicates the current logic level of the VBUS signal. If enabled, a VBUS interrupt will be gener-
ated when the VBUS signal matches the polarity selected by the VBPOL bit in register REG0CN. The
VBUS interrupt is level-sensitive, and has no associated interrupt pending flag. The VBUS interrupt will be
active as long as the VBUS signal matches the polarity selected by VBPOL. See Table 8.1 for VBUS input
parameters.
Important Note: When USB is selected as a reset source, a system reset will be generated when the
VBUS signal matches the polarity selected by the VBPOL bit. See
Section “11. Reset Sources” on
page 105 for details on selecting USB as a reset source
Table 8.1. Voltage Regulator Electrical Specifications
–40 to +85 °C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range1
2.7
5.25
V
Output Voltage (VDD)2
Output Current = 1 to 100 mA
3.0
3.3
3.6
V
Output Current2
100
mA
VBUS Detection Input Threshold
1.0
1.8
4.0
V
Bias Current
Normal Mode (REGMOD = ‘0’)
Low Power Mode (REGMOD = ‘1’)
65
35
111
61
µA
Dropout Voltage (VDO)3
IDD = 1 mA
IDD = 100 mA
1
100
mV/mA
Notes:
1. Input range specified for regulation. When an external regulator is used, should be tied to
VDD.
2. Output current is total regulator output, including any current required by the C8051F34x.
3. The minimum input voltage is 2.70 V or VDD + VDO (max load), whichever is greater.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com