Electronic Components Datasheet Search
  English  ▼

X  

ISO1228DFBR Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 3 Page - Texas Instruments

  ISO1228DFBR Datasheet HTML 1Page - Texas Instruments ISO1228DFBR Datasheet HTML 2Page - Texas Instruments ISO1228DFBR Datasheet HTML 3Page - Texas Instruments ISO1228DFBR Datasheet HTML 4Page - Texas Instruments ISO1228DFBR Datasheet HTML 5Page - Texas Instruments ISO1228DFBR Datasheet HTML 6Page - Texas Instruments ISO1228DFBR Datasheet HTML 7Page - Texas Instruments ISO1228DFBR Datasheet HTML 8Page - Texas Instruments ISO1228DFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
4 Pin Configuration and Functions
1
IN1
2
LED1
3
IN2
4
LED2
5
IN3
6
LED3
7
AVSS
8
IN4
9
LED4
10
IN5
11
LED5
12
IN6
13
LED6
14
IN7
15
LED7
16
AVCC
17
AVSS
18
IN8
19
LED8
38
COMM_SEL
37
VCC1
36
GND1
35
OUT1 / SDO
34
OUT2 / SDI
33
OUT3 / SCLK
32
OUT4 / nCS
31
OUT5 / nINT
30
OUT6 / nRST
29
OUT7 / BURST_EN
28
OUT8 / SYNC
27
OUT_EN
26
nFAULT
25
GND1
24
F0
23
F1
22
NC
21
GND1
20
NC
Figure 4-1. ISO1228
Table 4-1. Pin Functions—38 Pins
PIN
I/O
DESCRIPTION
NO.
NAME
1
IN1
I/O
Field Input, Channel 1
2
LED1
I/O
LED Indication Pin, Channel 1
3
IN2
I/O
Field Input, Channel 2
4
LED2
I/O
LED Indication Pin, Channel 2
5
IN3
I/O
Field Input, Channel 3
6
LED3
I/O
LED Indication Pin, Channel 3
7
AVSS
—
Field Side Negative Supply
8
IN4
I/O
Field Input, Channel 4
9
LED4
I/O
LED Indication Pin, Channel 4
10
IN5
I/O
Field Input, Channel 5
11
LED5
I/O
LED Indication Pin, Channel 5
12
IN6
I/O
Field Input, Channel 6
13
LED6
I/O
LED Indication Pin, Channel 6
14
IN7
I/O
Field Input, Channel 7
15
LED7
I/O
LED Indication Pin, Channel 7
www.ti.com
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com