Electronic Components Datasheet Search
  English  ▼

X  

ISO1228DFBR Datasheet(PDF) 30 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 30 Page - Texas Instruments

Back Button ISO1228DFBR Datasheet HTML 26Page - Texas Instruments ISO1228DFBR Datasheet HTML 27Page - Texas Instruments ISO1228DFBR Datasheet HTML 28Page - Texas Instruments ISO1228DFBR Datasheet HTML 29Page - Texas Instruments ISO1228DFBR Datasheet HTML 30Page - Texas Instruments ISO1228DFBR Datasheet HTML 31Page - Texas Instruments ISO1228DFBR Datasheet HTML 32Page - Texas Instruments ISO1228DFBR Datasheet HTML 33Page - Texas Instruments ISO1228DFBR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
required is 15V) and a value of 910Ω is recommended for RTHR in Type 2 systems. The Table 8-1 and Source
Mode RTHR Admissible Values (Ω) tables list range of RTHR values applicable for each mode. Use Equation 2
and Equation 3 to calculate the values for the typical VIH values and minimum VIL values, respectively.
VIH (typical) = 6.0 V + RTHR x IL (typical)
(2)
VIL (typical) = 5.0 V + RTHR x IL (typical)
(3)
VIH (max) = 6.4 V + RTHR x IL (max)
(4)
VIL (min) = 4.7 V + RTHR x IL (min)
(5)
Refer to the tables for RTHR values to achieve IEC 61131-2 Type 1, 2, 3 voltage thresholds. For Type 2
operation, it is recommended to use two channels in parallel, with RILIM = 1 kΩ and RPAR = 9.76 kΩ operation
in sink mode, resulting in a current limit of 7 mA (typical). RTHR values can be same as Type 3 operation in this
mode.
Table 8-1. Sink Mode RTHR Admissible Values (Ω)
SINK MODE
RILIM = 0Ω, RPAR = 13kΩ, RSURGE = 1kΩ, (IL = 2.5mA)
RILIM = 1kΩ, RPAR = 9.76kΩ, RSURGE = 1kΩ, (IL = 3.5mA)
Min
Typical
Max
Min
Typical
Max
Type 1
180
1000
2400
Type 1
110
910
1740
Type 3
180
1000
1300
Type 3
110
910
930
Table 8-2. Source Mode RTHR Admissible Values (Ω)
SOURCE MODE
RILIM = 0Ω, RPAR = 13kΩ (IL = 2.5mA)
RILIM = 1kΩ, RPAR = 9.76kΩ, (IL = 3.5mA)
Min
Typical
Max
Min
Typical
Max
Type 1
180
1000
2400
Type 1
2000
2000
2000
Type 3
180
1000
1300
Type 3
Not Supported
A tolerance of 5% is acceptable on RTHR. Surge resistant resistors is recommended for RTHR.
The values in the tables are back calculated from the VIH and VIL formulae mentioned above.
For example;
IEC 61131-2 Type 1 Sink Mode threshold calculations with RILIM. = 0kΩ,
VOFF_MAX (5V) < VIL(min) , VON_MIN (15V) > VIH(max), IL(min) = 2mA and IL(max) = 3.3mA,
Switching close to OFF state: VOFF_MAX =VIL(min): 5V = 4.7 V + RTHR x IL(min) => RTHR = 150Ω
With RTHR = 150Ω, VON = VIH(max) = 6.4V + 150Ω x IL(max) = 6.895V which is less than VON_MIN
( 180Ω in the table is a standard resistor to accommodate for 5% tolerance on RTHR)
Switching close to ON state: VON_MIN =VIH(max): 15V = 6.4V+ RTHR x IL(max) => RTHR = 2.6kΩ
With RTHR = 2.6kΩ, VOFF = VIL = 6.4 V + 2.6kΩ x IL(min) = 9.9V which is greater than VOFF_MAX
( 2400Ω in the table is a standard resistor to accommodate for 5% tolerance on RTHR)
Similarly, other values in the table are derived.
8.2.3.1.3 Wire-Break Detection
Each channel has a wire-break detection circuit which includes a secondary comparator to detect the integrity
of field sensor wiring. The sensor or a switch has a wire break resistor across it which passes a small current
above 240µA to the INx. If the input current is below the IWB, the WBx in the SPI register is set and it will
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com