Electronic Components Datasheet Search
  English  ▼

X  

ISO1228DFBR Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO1228DFBR Datasheet HTML 7Page - Texas Instruments ISO1228DFBR Datasheet HTML 8Page - Texas Instruments ISO1228DFBR Datasheet HTML 9Page - Texas Instruments ISO1228DFBR Datasheet HTML 10Page - Texas Instruments ISO1228DFBR Datasheet HTML 11Page - Texas Instruments ISO1228DFBR Datasheet HTML 12Page - Texas Instruments ISO1228DFBR Datasheet HTML 13Page - Texas Instruments ISO1228DFBR Datasheet HTML 14Page - Texas Instruments ISO1228DFBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
(Over recommended operating conditions unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
IINx + I(RPARx)
Sum of Current drawn through INx pins
and corresponding RPAR external resistor
(Source Type)
RTHR = 0 Ω, RILIM = 1 kΩ
VIL < AVCC - VINx < VIH
3
4.2
mA
RTHR = 0 Ω, RILIM = 1 kΩ
VIH < AVCC - VINx < 36 V
3.1
4.2
IINx + I(RPARx)
Sum of Current drawn through INx pins
and corresponding RPAR external resistor
(Source Type)
RTHR = 0 Ω, RILIM = 0 Ω
VIL < AVCC - VINx < VIH
2
3.3
mA
IINx + I(RPARx)
Sum of Current drawn through INx pins
and corresponding RPAR external resistor
(Source Type)
RTHR = 0 Ω, RILIM = 0 Ω
VIH < AVCC - VINx < 36 V
2.1
3.3
mA
IWB
Wire-break Detection Threshold
RIWB (1) = 90 kΩ
245
µA
IINx(UVLO)
Sum of Current drawn through INx pins
and corresponding RPAR external resistor
(Sink Type) when AVCC is not present.
RILIM = 1 kΩ, RTHR = 0 Ω, RPAR = 9.76kΩ
VINx = 13 V
1
mA
www.ti.com
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com