Electronic Components Datasheet Search
  English  ▼

X  

ISO1228DFBR Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO1228DFBR Datasheet HTML 6Page - Texas Instruments ISO1228DFBR Datasheet HTML 7Page - Texas Instruments ISO1228DFBR Datasheet HTML 8Page - Texas Instruments ISO1228DFBR Datasheet HTML 9Page - Texas Instruments ISO1228DFBR Datasheet HTML 10Page - Texas Instruments ISO1228DFBR Datasheet HTML 11Page - Texas Instruments ISO1228DFBR Datasheet HTML 12Page - Texas Instruments ISO1228DFBR Datasheet HTML 13Page - Texas Instruments ISO1228DFBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
5.9 Electrical Characteristics—DC Specification
(Over recommended operating conditions unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
SUPPLY VOLTAGE AND CURRENT
AVCC (UVLO+)
Positive-going UVLO threshold voltage -
Sink Mode
7.7
8.4
AVCC (UVLO-)
Negative-going UVLO threshold - Sink
Mode
5.5
6
AVCC (UVLO+)
Positive-going UVLO threshold voltage -
Source Mode
11.7
12.5
AVCC (UVLO-)
Negative-going UVLO threshold - Source
Mode
9
9.8
AVCC (HYS)
UVLO threshold hysteresis
1.7
VCC1 (UVLO+)
Positive-going UVLO threshold voltage
(VCC1)
1.53
1.71
V
VCC1 (UVLO-)
Negative-going UVLO threshold (VCC1)
1.3
1.41
V
VCC1 (HYS)
UVLO threshold hysteresis (VCC1)
0.08
0.13
V
IAVCC (SINK)
AVCC supply quiescent current
INx=HIGH or LOW DC
3.5
5
mA
IAVCC (SRC)
AVCC supply quiescent current in source
mode
INx=HIGH or LOW DC
4.5
5.8
mA
IVCC1
VCC1 supply disable current
INx=HIGH or LOW DC, OUT_EN = LOW
or FLOAT
.3
.8
mA
IVCC1
VCC1 supply quiescent current
INx=HIGH or LOW DC, OUT_EN = VCC1
3.5
4.3
mA
LOGIC I/O
VIT+ (EN)
Positive-going input logic threshold
voltage for OUT_EN, SDI, SCLK,
COMM_SEL and nCS pins
0.7 ×
VCC1
V
VIT– (EN)
Negative-going input logic threshold
voltage for OUT_EN, SDI, SCLK,
COMM_SEL and nCS pins
0.3 ×
VCC1
V
VHYS(EN)
Input hysteresis voltage for OUT_EN, SDI,
SCLK, COMM_SEL and nCS pins
0.15 ×
VCC1
V
IIL
Low-level input for SDI, SCLK,nRST,
BURST_EN and nCS pins
OUT_EN = VCC1 and COMM_SEL = VCC1
-15
μA
IIL
Low-level input for OUT_EN
-30
μA
IIH
High-level input for SDI, SCLK,
COMM_SEL, nRST, BURST_EN and nCS
pins
OUT_EN = VCC1 and COMM_SEL = VCC1
15
μA
IIH
High-level input for OUT_EN
30
μA
VOH
High-level output voltage on OUTx and
SDO pins.
VCC1= 1.71 V; IOH = –1 mA
VCC1 –
0.2
V
VOL
Low-level output voltage on OUTx, SDO,
nINT and nFAULT pins
VCC1= 1.71 V ; IOH = 1 mA
0.2
V
CURRENT LIMIT AND WIRE-BREAK
IINx + I(RPARx)
Sum of Current drawn through INx pins
and corresponding RPAR external resistor
(Sink Type)
RTHR = 0 Ω, RILIM = 0 kΩ
VIL < VINx < VIH
2
3.3
mA
IINx + I(RPARx)
Sum of Current drawn through INx pins
and corresponding RPAR external resistor
(Sink Type)
RTHR = 0 Ω, RILIM = 0kΩ
VIH < VINx < 36
2.1
3.3
mA
IINx + I(RPARx)
Sum of Current drawn through INx pins
and corresponding RPAR external resistor
(Sink Type)
RTHR = 0 Ω, RILIM = 1 kΩ
VIL < VINx < VIH
3
4.7
mA
RTHR = 0 Ω, RILIM = 1 kΩ
VIH < VINx < 36 V
3.1
4.7
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com