Electronic Components Datasheet Search
  English  ▼

X  

ISO1228DFBR Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO1228DFBR Datasheet HTML 8Page - Texas Instruments ISO1228DFBR Datasheet HTML 9Page - Texas Instruments ISO1228DFBR Datasheet HTML 10Page - Texas Instruments ISO1228DFBR Datasheet HTML 11Page - Texas Instruments ISO1228DFBR Datasheet HTML 12Page - Texas Instruments ISO1228DFBR Datasheet HTML 13Page - Texas Instruments ISO1228DFBR Datasheet HTML 14Page - Texas Instruments ISO1228DFBR Datasheet HTML 15Page - Texas Instruments ISO1228DFBR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
(Over recommended operating conditions unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VOLTAGE TRANSITION THRESHOLD ON FIELD SIDE
VIL
Low level threshold voltage at module
input (including RTHR) for output low. Sink
Type.
RILIM = 1 kΩ or 0 Ω,RTHR = 0 Ω
4.7
V
RILIM = 1 kΩ, RTHR = 1 kΩ
7.7
VIL
Low level threshold voltage at module
input (including RTHR) for output low. Sink
Type.
RILIM = 0 Ω, RTHR = 1 kΩ
6.7
V
VIH
High level threshold voltage at module
input (including RTHR) for output high. Sink
Type.
RILIM = 1 kΩ or 0 Ω, RTHR = 0 Ω
6.4
V
RILIM = 1 kΩ, RTHR = 1 kΩ
11.1
RILIM = 0 Ω, RTHR = 1 kΩ
9.7
VHYS
Threshold voltage hysteresis at module
input. Sink Type.
RILIM = 1 kΩ, RTHR = 0 Ω
0.85
1
V
RILIM = 1 kΩ, RTHR = 1 kΩ
0.8
1
RILIM = 0 Ω, RTHR = 1 kΩ
0.7
1
AVCC-VIL
Low level threshold voltage at module
input (including RTHR) for output low.
Source Type.
RILIM = 0 Ω, RTHR = 1.35k Ω
7.4
V
RILIM = 1 kΩ, RTHR = 2 kΩ
10.7
V
AVCC-VIH
High level threshold voltage at module
input (including RTHR) for output high.
Source Type.
RILIM = 0 Ω, RTHR = 1.35k Ω
10.9
V
RILIM = 1 kΩ, RTHR = 2 kΩ
14.8
V
VHYS
Threshold voltage hysteresis at module
input. Source Type.
RILIM = 1 kΩ, RTHR = 2 kΩ
0.5
V
RILIM = 0 Ω, RTHR = 1.35k Ω
0.75
1
V
OVER-TEMPERATURE AND THERMAL SHUTDOWN
OTI
Over-temperature indication without
shutdown (No blocks are shut down)
130
142
150
°C
TSD+
Thermal shutdown turn-on temperature
(Field Inputs are tri-stated)
160
180
190
°C
TSD-
Thermal shutdown turn-off temperature
155
170
180
°C
TSDHYS
Thermal shutdown hysteresis
5
°C
(1)
RIWB is the wire break resistance calculated from the equation, RIWB = (VINX -2V) /IWB - RTHR
5.10 Switching Characteristics—AC Specification
(Over recommended operating conditions unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
POWER-UP TIMING
TPWRUP
Time taken for the device to power up, and
start communication after VCC1 and AVCC
are above their UVLO levels.
VCC1 and AVCC are ramped up together.
140
200
µs
TFILTAVCC
Internal de-glitch filter on AVCC
AVCC supply dip to corresponding UVLO-
thresholds with 10 ns rise/fall times.
3
5
7
µs
TFILTVCC1
Internal de-glitch filter on VCC1 - recovery
time
VCC1 supply dip to UVLO- thresholds
with 10 ns rise/fall times upto 9us. Time
needed by device to be functional again
1
4
7
µs
PROPAGATION DELAY AND CMTI
tr, tf
Output signal rise and fall time, OUTx pins
CLOAD = 15 pF, 24-VP-P clock signal on IN
pin with 10-ns rise and fall time, RTHR = 0
Ω. Parallel output mode.
F1=low, F0=low; Filter Register setting:
0xxx
3
ns
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com