Electronic Components Datasheet Search
  English  ▼

X  

ISO1228DFBR Datasheet(PDF) 31 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 31 Page - Texas Instruments

Back Button ISO1228DFBR Datasheet HTML 27Page - Texas Instruments ISO1228DFBR Datasheet HTML 28Page - Texas Instruments ISO1228DFBR Datasheet HTML 29Page - Texas Instruments ISO1228DFBR Datasheet HTML 30Page - Texas Instruments ISO1228DFBR Datasheet HTML 31Page - Texas Instruments ISO1228DFBR Datasheet HTML 32Page - Texas Instruments ISO1228DFBR Datasheet HTML 33Page - Texas Instruments ISO1228DFBR Datasheet HTML 34Page - Texas Instruments ISO1228DFBR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
be flagged on the nFAULT pin. Wire-break detection works only in Sink Mode. The wire-break resistor RIWB is
calculated as per the equation
RIWB = (VINx- 2V) / IWB - RTHR
(6)
where VINx is the excitation voltage for the sensor or switch connected.
9 Power Supply Recommendations
To help ensure reliable operation at data rates and supply voltages, a 0.1μF bypass capacitor is recommended
on the MCU side supply pin (VCC1). The capacitor should be placed as close to the supply pins as possible.
www.ti.com
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: ISO1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com