Electronic Components Datasheet Search
  English  ▼

X  

ISO1228DFBR Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 1 Page - Texas Instruments

  ISO1228DFBR Datasheet HTML 1Page - Texas Instruments ISO1228DFBR Datasheet HTML 2Page - Texas Instruments ISO1228DFBR Datasheet HTML 3Page - Texas Instruments ISO1228DFBR Datasheet HTML 4Page - Texas Instruments ISO1228DFBR Datasheet HTML 5Page - Texas Instruments ISO1228DFBR Datasheet HTML 6Page - Texas Instruments ISO1228DFBR Datasheet HTML 7Page - Texas Instruments ISO1228DFBR Datasheet HTML 8Page - Texas Instruments ISO1228DFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
1 Features
• Configurable IEC 61131-2 eight Type 1/3 or four
Type 2 Isolated Digital Inputs
• Low Power and Heat Dissipation
– Selectable input current limit
– Fieldside LED drivers using input current
• Configurable sinking or sourcing type inputs
• Wire-break detection in sink mode
• Integrated field-side power loss detection
• Programmable Glitch Filters
• Built in CRC check across barrier
• Serial SPI and Parallel output options
– Supports SPI daisy chaining
– Supports SPI burst mode
• Integrated IEC ESD and Surge Protection
• High CMTI(Typ): 75kV/µs
• VCC1 Logic supply voltage range: 1.71V to 5.5V
• AVCC field supply voltage range (sink mode): 8.5V
to 36V
• AVCC field supply voltage range (source mode):
13V to 36V
• Ambient temperature range: –40°C to 125°C
• Small Footprint 38-SSOP Package
• Safety-related certifications:
– 4242-VPK VIOTM and 637-VPK VIORM per DIN
EN IEC 60747-17 (VDE 0884-17)
– 3000-VRMS Isolation for 1 Minute per UL 1577
– IEC 62368-1, IEC 61010-1 Certifications
– All Certifications Planned
2 Applications
• Programmable Logic Controllers (PLC)
– Digital Input Modules
– Mixed Input Modules
• Motor Drive Digital Inputs
• Binary Input Modules
• CNC Control
• Industrial Transport Digital Inputs
3 Description
The ISO1228 is an eight-channel isolated 24V
digital input receiver, configurable to IEC 61131-2
Type 1, and 3 characteristics or four-channel
Type 2 characteristics. The ISO1228 includes
resistor-programmable accurate current limit and
field side input-current-powered LED indication to
reduce system power dissipation and reduce board
temperatures. ISO1228 can be configured for either
sourcing or sinking type digital inputs with minimal
hardware change. Both serial SPI and parallel output
modes are available. Wire-break detection, fieldside
supply monitoring and built-in CRC across barriers
help improve system reliability. In-built glitch filters
and integrated IEC-ESD and surge protection help to
achieve a robust design.
The ISO1228 operates over the logic supply range of
1.71V to 5.5V, supporting 1.8V, 2.5-V, 3.3V, and 5V
controllers. Field side output voltage range supported
is 8.5V to 36V in sink mode and 13V to 36V in
source mode. ISO1228 supports up to 1.5Mbps data
rates passing a minimum pulse width of 667ns for
high-speed operation.
Device Information
PART
NUMBER
PACKAGE(1) PACKAGE SIZE(2)
BODY SIZE
(NOM)
ISO1228
SSOP (38)
DFB
9.9mm × 6.0mm
9.9mm ×
3.90mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value
andincludes pins, where applicable.
INx
R
THR
LEDx
24V
Field GND
Sensor
VCC1
OUTx/SPI
GND
R
PAR
AVCC
AVSS
R
ILIM
R
SURGE
C
SURGE
IN1F
V24V
(8.5V-36V)
C
FIL
C
IN
0V
Current Limit Se ng for
all channels
Host Controller
Sink Type
INx
R
THR
LEDx
24V
Field GND
Sensor
VCC1
OUTx/SPI
GND
R
PAR
AVCC
AVSS
R
ILIM
C
SURGE
IN1F
V24V
(13V-36V)
C
FIL
C
IN
0V
Current Limit Se ng for
all channels
Host Controller
Source Type
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO1228DFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1228 TI1-ISO1228 Datasheet
1Mb / 38P
ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
JUNE 2023
More results

Similar Description - ISO1228DFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVS880 TI-SN65HVS880 Datasheet
853Kb / 24P
24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Texas Instruments
SN65HVS881 TI1-SN65HVS881_16 Datasheet
1Mb / 22P
INDUSTRIAL 8-DIGITAL-INPUT SERIALIZER WITH DIAGNOSTICS
SN65HVS883 TI1-SN65HVS883 Datasheet
596Kb / 28P
24 V, Eight-Channel Digital-Input Serializer
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
PHOENIX CONTACT
5632B PHOENIX-5632B Datasheet
334Kb / 14P
Digital Input/Output Module With Eight Inputs and Eight Outputs
logo
Maxim Integrated Produc...
MAX22190 MAXIM-MAX22190 Datasheet
972Kb / 40P
Octal Industrial Digital Input with Diagnostics
19-100224; Rev 5; 9/20
MAX22192 MAXIM-MAX22192_V01 Datasheet
1Mb / 50P
Octal Industrial Digital Input with Diagnostics and Digital Isolation
19-100406; Rev 3; 9/20
logo
Texas Instruments
ISO1228 TI1-ISO1228 Datasheet
1Mb / 38P
ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com