Electronic Components Datasheet Search
  English  ▼

X  

ISO1228DFBR Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO1228DFBR Datasheet HTML 2Page - Texas Instruments ISO1228DFBR Datasheet HTML 3Page - Texas Instruments ISO1228DFBR Datasheet HTML 4Page - Texas Instruments ISO1228DFBR Datasheet HTML 5Page - Texas Instruments ISO1228DFBR Datasheet HTML 6Page - Texas Instruments ISO1228DFBR Datasheet HTML 7Page - Texas Instruments ISO1228DFBR Datasheet HTML 8Page - Texas Instruments ISO1228DFBR Datasheet HTML 9Page - Texas Instruments ISO1228DFBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
5.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
AVCC
Field-Side Supply Voltage w.r.t. AVSS - Sink
Mode
8.5
36
V
AVCC
Field-Side Supply Voltage w.r.t. AVSS -
Source Mode
13
36
V
VCC1
Backplane Supply Voltage w.r.t. GND1
1.71
5.5
V
VINx (1)
Voltage on INx w.r.t AVSS
-0.3
36
V
RILIM
Current Limit resistor selector
0
1
kΩ
DR
Data Rate on INx pins
0
1.5
Mbps
TUI
Minimum pulse width at INx pins
667
ns
FSCLK
Maximum SPI clock frequency
25
MHz
TA
Ambient temperature
-40
125
°C
TJ
Junction temperature
-40
150
°C
(1)
VINx can be set independant of AVCC
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com