Electronic Components Datasheet Search
  English  ▼

X  

ISO1228DFBR Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO1228DFBR
Description  ISO1228 Eight-Channel Isolated Digital Input with Current Limit and Diagnostics
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1228DFBR Datasheet(HTML) 5 Page - Texas Instruments

  ISO1228DFBR Datasheet HTML 1Page - Texas Instruments ISO1228DFBR Datasheet HTML 2Page - Texas Instruments ISO1228DFBR Datasheet HTML 3Page - Texas Instruments ISO1228DFBR Datasheet HTML 4Page - Texas Instruments ISO1228DFBR Datasheet HTML 5Page - Texas Instruments ISO1228DFBR Datasheet HTML 6Page - Texas Instruments ISO1228DFBR Datasheet HTML 7Page - Texas Instruments ISO1228DFBR Datasheet HTML 8Page - Texas Instruments ISO1228DFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
See(1)
MIN
MAX
UNIT
AVCC(2)
AVCC to AVSS supply voltage
-0.5
38.5
V
VCC1 (2)
VCC1 supply voltage to GND1
-0.5
6
V
VINx
Voltage from INx pins to AVSS
-0.5
38.5
V
VLEDx
Voltage from LEDx pins to AVSS
-0.5
38.5
V
VIO
I/O voltage range on SDx, nCS, nINT, OUTx,
OUT_EN, F0, F1, nFAULT, and COMM_SEL pins
–0.3
VCC1+0.5(3)
V
IO
Output current on SDO, nINT, OUTx, and nFAULT
pins
-15
15
mA
TJ
Operating junction temperature
150
°C
TSTG
Storage temperature
-65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to the local ground terminal (AVSS or GND1) and are peak voltage values
(3)
Maximum voltage must not exceed 6 V.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001,
All pins(1)
±1000
V
All INx, LEDx and AVCC to AVSS(1)
±6000
V
V(ESD)
Electrostatic discharge
Charged device model (CDM), per
JEDEC specification JESD22-C101
All pins(2)
±1500
V(ESD_IEC)
IEC ESD System Level Test
Contact discharge per IEC 61000-4-2;
Isolation barrier withstand test
±6000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
www.ti.com
ISO1228
SLLSFN5A – JUNE 2023 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ISO1228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com