Electronic Components Datasheet Search
  English  ▼

X  

S030 Datasheet(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

Part # S030
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

S030 Datasheet(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  S030 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Type S030
5 | 22
Visit product website 
Process/Pipe connection & communication
Measuring devices connection
Bürkert bayonet catch
Pipe connection
For sensor-fitting in:
• plastic: true union with nut and solvent/fusion socket, spigot or external thread
• metal: internal or external thread, weld ends, clamp or flange
• stainless (Type S030-HT variant): internal or external thread, weld ends (clamp or flange on request)
Approvals and conformities
Directives
CE directive
Further information on the CE directive can be found in chapter “2.3. Standards” on page 6.
Pressure equipment directive
Complying with article 4, paragraph 1 of 2014/68/EU directive
Further information on the pressure equipment directive can be found in chapter “2.4. Pressure
Equipment Directive (PED)” on page 6.
Foods and beverages/Hygiene
FDA declaration of conformity (stainless steel fitting only with EPDM seal)
Must be ordered separately. Further information can be found in chapter “Accessories for all
variants” on page 25.
Materials
• Inspection certificate 3.1 (according to EN-ISO 10204)
• Certification of conformity for the surface finish (according to DIN4762, DIN4768, ISO/4287/1)
Must be ordered separately. Further information can be found in chapter “Accessories for all
variants” on page 25.
Others
• 3 points flow calibration certificate
• Test report 2.2 (according to EN-ISO 10204)
Must be ordered separately. Further information can be found in chapter “Accessories for all
variants” on page 25.
Environment and installation
Ambient temperature
Operation and storage: for sensor-fitting in
• PVC: - 15…+ 60 °C (+ 5…+ 122 °F)
• PP: - 15…+ 80 °C (+ 5…+ 176 °F)
• PVDF, stainless steel or brass: - 15…+ 100 °C (+ 5…+ 212 °F)
The temperature limits also depend on the used transmitter, see the relevant data sheet or operating
instructions for more information.
1.) Under reference conditions i.e. measuring medium = water, ambient and water temperature = + 20 °C (+ 68 °F), observing the minimum the minimum inlet and outlet sections and the
appropriate inner diameter of the pipe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com