Electronic Components Datasheet Search
  English  ▼

X  

S030 Datasheet(PDF) 10 Page - Christian Bürkert GmbH & Co. KG

Part # S030
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

S030 Datasheet(HTML) 10 Page - Christian Bürkert GmbH & Co. KG

Back Button S030 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Type S030
10 | 22
Visit product website 
Clamp connection
Note:
Dimensions in mm, unless otherwise stated
DIN 32676 series B, SMS 3017 1.), BS 4825-3/ASME BPE 1.) or DIN 32676 series A in stainless steel (316L - 1.4404)
L
DN
P
Standard
L
Ø D
Ø D1
Ø D2
Ø D3
08
–
DIN 32676 series B 2.)
–
–
–
–
–
–
SMS 3017
–
–
–
–
–
–
ASME BPE
–
–
–
–
–
29.5
DIN 32676 series A
125
34.0
27.5
13.00 10.00
15
34.5
DIN 32676 series B 2.)
130
34.0
27.5
21.30 18.10
–
SMS 3017
–
–
–
–
–
–
ASME BPE
–
–
–
–
–
29.5
DIN 32676 series A
119
34.0
27.5
19.00 16.00
20
32.0
DIN 32676 series B
150
50.5
43.5
26.90 23.70
–
SMS 3017
–
–
–
–
–
34.5
ASME BPE
119
25.0
19.6
19.05 15.75
34.5
DIN 32676 series A
119
34.0
27.5
23.00 20.00
25
32.2
DIN 32676 series B
160
50.5
43.5
33.70 29.70
32.0
SMS 3017
129
50.5
43.5
25.00 22.60
32.0
BS 4825-3/ASME BPE
129
50.5
43.5
25.40 22.10
32.0
DIN 32676 series A
136
50.5
43.5
29.00 26.00
32
35.8
DIN 32676 series B
180
50.5
43.5
42.40 38.40
–
SMS 3017
–
–
–
–
–
–
BS 4825-3/ASME BPE
–
–
–
–
–
–
DIN 32676 series A
–
–
–
–
–
40
39.6
DIN 32676 series B
200
64.0
56.5
48.30 44.30
35.8
SMS 3017
161
50.5
43.5
38.00 35.60
35.8
BS 4825-3/ASME BPE
161
50.5
43.5
38.10 34.80
35.8
DIN 32676 series A
161
50.5
43.5
41.00 38.00
50
45.7
DIN 32676 series B
230
77.5
70.5
60.30 55.10
39.6
SMS 3017
192
64.0
56.5
51.00 48.60
39.6
BS 4825-3/ASME BPE
192
64.0
56.5
50.80 47.50
39.6
DIN 32676 series A
170
64.0
56.5
53.00 50.00
65
–
DIN 32676 series B
–
–
–
–
–
45.7
SMS 3017
216
77.5
70.5
63.50 60.3
45.7
BS 4825-3/ASME BPE
216
77.5
70.5
63.50 60.2
–
DIN 32676 series A
–
–
–
–
–
1.) Available with internal surface finish Ra < 0.8 µm
2.) Similar to DIN 32676 series B, but with 34.0 mm clamp connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com