Electronic Components Datasheet Search
  English  ▼

X  

S030 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # S030
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

S030 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button S030 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Type S030
15 | 22
Visit product website 
6.2. Selection of the nominal diameter
The following graph is used to determine the appropriate DN of the pipe and fitting for the application, according to the fluid velocity and
the flow rate. On the chart, the intersection of flow velocity and flow rate gives the appropriate diameter.
Note:
• For the fittings listed below, the corresponding nominal size in the bracket must be used:
– External threads acc. to SMS 1145
– Weld ends acc. to SMS 3008, BS4825-1/ASME BPE/DIN 11866 series C or DIN 11850 series 2/DIN 11866 series A/
DIN EN 10357 series A
– Clamp acc. to SMS 3017, BS 4825-3/ASME BPE or DIN 32676 series A.
• For all other fittings, the corresponding nominal diameter without bracket applies.
Example 1:
• nominal flow: 10 m3/h
• optimal flow rate: 2…3 m/s
Result: Select a pipe size of DN 40
Example 2 with external threads according to SMS
1145:
• nominal flow: 10 m3/h
• optimal flow rate: 2…3 m/s
Result: Select a pipe size of DN 50
0.1
0.3
0.5
1
3
5
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
m3/h
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
2000
3000
l/min
0.3
0.5
1
3
5
10
30
m/s
fps
gpm
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
DN65
DN50 (DN65)1.)
DN40 (DN50)1.)
DN32 (DN40)1.)
DN25 (DN32)1.)
DN20 (DN25)1.)
DN15 (DN15
or DN20)1.)
DN08
DN06
S030-HT
Flow velocity
Diameter of example 1 and example 2
Not recommended
S030 (standard)
Optimal flow rate
1.) See note at the beginning of this chapter.
7.
Product operation
7.1. Measuring principle
When liquid flows through the pipe, the paddle wheel with 4 inserted magnets is set in rotation producing a frequency signal in the
transducer (Hall sensor) of the mounted transmitter. The rotation is detected contactless through the sensor-fitting wall. The frequency mod-
ulated induced voltage is proportional to the flow velocity of the fluid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com