Electronic Components Datasheet Search
  English  ▼

X  

S030 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # S030
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

S030 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button S030 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Type S030
16 | 22
Visit product website 
8.
Product design and assembly
8.1. Product assembly
Note:
• A complete device to measure the flow rate is made up of an sensor-fitting Type S030 equipped with a paddle wheel sensor and a
Bürkert transmitter Type SE30, SE30 Ex, SE32, SE35, SE36 or 8611.
• The sensor-fitting Type S030 ensures simple installation into pipes from DN 06…DN 65. The transmitter Type SE30, SE30 Ex, SE32,
SE35, SE36 or 8611 can be mounted on any sensor-fitting Type S030 and fastened with a bayonet catch.
• The drawing shows the assembly of a sensor-fitting Type S030 with a process true union connection with nut and solvent/fusion socket
and a transmitter Type SE32 (Type S030 + Type SE32 = Type 8032). This also applies to all variants of process connection and compati-
ble type of transmitter.
See Data sheet Type 8030  Inline flowmeter, Data sheet Type 8032  Inline flowmeter/threshold detector, Data sheet Type 8035  Inline
flowmeter or batch controller, Data sheet Type 8036  Inline flowmeter, ELEMENT design or Data sheet Type 8611  eCONTROL - Uni-
versal controller for more information.
Inline
sensor-fitting
Type S030
Transmitter
Type SE32
9.
Product accessories
Note:
Since March 2012, the Type S030 sensor-fittings in DN 15 and DN 20 have been available in 2 variants with different K factors. Further infor-
mation can be found in the user manual in the K factor chapter, see Type S030 /Type S030-HT .
The 2nd variant is identified by the “v2” marking. This “v2” marking can be found:
• on the bottom of the DN 15 or DN 20 sensor-fitting in plastic
V2
• on the side of the DN 15 or DN 20 sensor-fitting in metal
V2
Accessories
No. Description
2
1
1.)
3
1
Sensor holder
2
O-ring set for metal sensor-fitting
3
O-ring set for plastic sensor-fitting (O-Ring for process
connection and seal 1.) for sensor holder).
1.) Depends on sensor armature variant: flat seal to use for armature with groove (previous variant, no longer available), O-ring seal to use for armature with chamfer (variant “v2”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com