Electronic Components Datasheet Search
  English  ▼

X  

S030 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # S030
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

S030 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button S030 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Type S030
12 | 22
Visit product website 
External thread connection
Note:
Dimensions in mm, unless otherwise stated
G, NPT or Rc in PVC (only DN 06 and DN 08) or PVDF (only DN 08)
L
L1
DN
P
L
L1
D
[inch]
06
29.5
90.0
14.0
G ½
08
29.5
90.0
14.0
G, NPT or Rc ½
Solvent/fusion spigot connection
Note:
Dimensions in mm, unless otherwise stated
DIN 8063 in PVC, DIN 16962 in PP or ISO 10931 in PVDF
L1
L
DN
P
Standard
H
L
L1
Ø D
15
34.5
DIN 8063
17.5
90
16.5
20
DIN 16962
85
14.0
DIN 10931
85
14.0
20
32.0
DIN 8063
17.5
100
20.0
25
DIN 16962
92
16.0
DIN 10931
92
16.0
25
32.2
DIN 8063
21.5
110
23.0
32
DIN 16962
95
18.0
DIN 10931
95
18.0
32
35.8
DIN 8063
27.5
110
27.5
40
DIN 16962
100
20.0
DIN 10931
100
20.0
40
39.6
DIN 8063
31.5
120
30.0
50
DIN 16962
106
23.0
DIN 10931
106
23.0
50
45.7
DIN 8063
39.5
130
37.0
63
DIN 16962
110
27.0
DIN 10931
110
27.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com