Electronic Components Datasheet Search
  English  ▼

X  

S030 Datasheet(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

Part # S030
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

S030 Datasheet(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button S030 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Type S030
11 | 22
Visit product website 
Flange connection
Note:
Dimensions in mm, unless otherwise stated
EN1092-1/B1/PN 16, ANSI B16- 5 or JIS 10 K in stainless steel (316L - 1.4404)
L
L1
DN
P
Standard L
L1
Ø D
Ø D1
Ø D2
Ø J
15
34.5 EN
130 23.5 95.0
65.0
45.0
4 × 14.0
ANSI
130
89.0
60.3
34.9
4 × 15.8
JIS
152
95.0
70.0
51.0
4 × 15.0
20
32.0 EN
150 28.5 105.0 75.0
58.0
4 × 14.0
ANSI
150
99.0
69.8
42.9
4 × 15.8
JIS
178
100.0 75.0
56.0
4 × 15.0
25
32.2 EN
160 28.5 115.0 85.0
68.0
4 × 14.0
ANSI
160
108.0 79.4
50.8
4 × 15.8
JIS
216
125.0 90.0
67.0
4 × 19.0
32
35.8 EN
180 31.0 140.0 100.0 78.0
4 × 18.0
ANSI
180
117.0 88.9
63.5
4 × 15.8
JIS
229
135.0 100.0 76.0
4 × 19.0
40
39.6 EN
200 36.0 150.0 110.0 88.0
4 × 18.0
ANSI
200
127.0 98.4
73.0
4 × 15.8
JIS
241
140.0 105.0 81.0
4 × 19.0
50
45.7 EN
230 41.0 165.0 125.0 102.0 4 × 18.0
ANSI
230
152.0 120.6 92.1
4 × 19.0
JIS
267
155.0 120.0 96.0
4 × 19.0
4.2. Plastic sensor-fitting
True union connection with nut and solvent/fusion socket
Note:
Dimensions in mm, unless otherwise stated
DIN 8063, ASTM D 1785/76 or JIS K in PVC DIN 16962 in PP or ISO 10931 in PVDF
L1
L2
L
DN
P
Standard
L
L1
L2
Ø D
Ø D1
08 1.)
29.5
DIN/ISO
122.0
92
90
12.00
–
ASTM
–
–
–
–
–
JIS
–
–
–
–
–
15
34.5
DIN/ISO
128.0
96
90
20.00
43
ASTM
130.0
21.30
JIS
129.0
18.40
20
32.0
DIN/ISO
144.0
106
100
25.00
53
ASTM
145.6
26.70
JIS
145.0
26.45
25
32.2
DIN/ISO
160.0
116
110
32.00
60
ASTM
161.4
33.40
JIS
161.0
32.55
32
35.8
DIN/ISO
168.0
116
110
40.00
74
ASTM
170.0
42.20
JIS
169.0
38.60
40
39.6
DIN/ISO
188.0
127
120
50.00
83
ASTM
190.2
48.30
JIS
190.0
48.70
50
45.7
DIN/ISO
212.0
136
130
63.00
103
ASTM
213.6
60.30
JIS
213.0
60.80
1.) Only available in PVC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com