Electronic Components Datasheet Search
  English  ▼

X  

S030 Datasheet(PDF) 9 Page - Christian Bürkert GmbH & Co. KG

Part # S030
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

S030 Datasheet(HTML) 9 Page - Christian Bürkert GmbH & Co. KG

Back Button S030 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Type S030
9 | 22
Visit product website 
Weld spigot connection
Note:
Dimensions in mm, unless otherwise stated
EN ISO 1127/ISO 4200/DIN 11866 series B, SMS 3008, BS 4825-1/ASME BPE/DIN 11866 series C or DIN 11850 series 2/DIN 11866
series A/ DIN EN 10357 series A in stainless steel (316L - 1.4404)
L
DN
P
Standard
L
Ø D
e
08
–
EN ISO 1127/ISO 4200/DIN 11866 series B –
–
–
–
SMS 3008
–
–
–
–
ASME BPE/DIN 11866 series C
–
–
–
29.5
DIN 11850 series 2/DIN 11866 series A/
DIN EN 10357 series A
96.0
13.00
1.50
15
34.5
EN ISO 1127/ISO 4200/DIN 11866 series B 84.0
21.30
1.60
–
SMS 3008
–
–
–
–
ASME BPE/DIN 11866 series C
–
–
–
34.5
DIN 11850 series 2/DIN 11866 series A/
DIN EN 10357 series A
84.0
19.0
1.50
20
32.0
EN ISO 1127/ISO 4200/DIN 11866 series B 94.0
26.9
1.60
–
SMS 3008
–
–
–
34.5
ASME BPE/DIN 11866 series C
84.0
19.05
1.65
34.5
DIN 11850 series 2/DIN 11866 series A/
DIN EN 10357 series A
84.0
23.00
1.50
25
32.2
EN ISO 1127/ISO 4200/DIN 11866 series B 104.0
33.70
2.00
32.0
SMS 3008
94.0
25.00
1.20
32.0
BS 4825-1/ASME BPE/DIN 11866 series C 94.0
25.40
1.65
32.0
DIN 11850 series 2/DIN 11866 series A/
DIN EN 10357 series A
94.0
29.00
1.50
32
35.8
EN ISO 1127/ISO 4200/DIN 11866 series B 119.0
42.40
2.00
–
SMS 3008
–
–
–
32.2
BS 4825-1/ASME BPE/DIN 11866 series C 104.0
32.00
1.65
32.2
DIN 11850 series 2/DIN 11866 series A/
DIN EN 10357 series A
104.0
35.00
1.50
40
39.6
EN ISO 1127/ISO 4200/DIN 11866 series B 129.0
48.30
2.00
35.8
SMS 3008
119.0
38.00
1.20
35.8
BS 4825-1/ASME BPE/DIN 11866 series C 119.0
38.10
1.65
35.8
DIN 11850 series 2/DIN 11866 series A/
DIN EN 10357 series A
119.0
41.00
1.50
50
45.7
EN ISO 1127/ISO 4200/DIN 11866 series B 148.5
60.30
2.60
39.6
SMS 3008
128.0
51.00
1.20
39.6
BS 4825-1/ASME BPE/DIN 11866 series C 128.0
50.80
1.65
39.6
DIN 11850 series 2/DIN 11866 series A/
DIN EN 10357 series A
128.0
53.00
1.50
65
–
EN ISO 1127/ISO 4200/DIN 11866 series B –
–
–
45.7
SMS 3008
147.0
63.50
1.60
45.7
BS 4825-1/ASME BPE/DIN 11866 series C 147.0
63.50
1.65
–
DIN 11850 series 2/DIN 11866 series A/
DIN EN 10357 series A
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com