Electronic Components Datasheet Search
  English  ▼

X  

S030 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # S030
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

S030 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button S030 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Type S030
8 | 22
Visit product website 
4.
Dimensions
4.1. Metal sensor-fitting
Internal thread connection
Note:
Dimensions in mm, unless otherwise stated
G, NPT or Rc in stainless steel (316L - 1.4404) or brass (CuZn
39Pb2)
L
L1
DN
P
L
L1
D
[inch]
15
34.5
84.0
16.0
G ½
17.0
NPT ½
15.0
Rc ½
20
32.0
94.0
17.0
G ¾
18.3
NPT ¾
16.3
Rc ¾
25
32.2
104.0
23.5
G 1
18.0
NPT 1
18.0
Rc 1
32
35.8
119.0
23.5
G 1¼
21.0
NPT 1¼
21.0
Rc 1¼
40
39.6
129.0
23.5
G 1½
20.0
NPT 1½
19.0
Rc 1½
50
45.7
148.5
27.5
G 2
24.0
NPT 2
24.0
Rc 2
External thread connection
Note:
Dimensions in mm, unless otherwise stated
G, NPT or Rc in stainless steel (316L - 1.4404) or brass (CuZn
39Pb2)
L
L1
DN
P
L
L1
D
[inch]
06
29.5
90.0
14.0
G ½
08
29.5
90.0
14.0
G, NPT or Rc ½
15
34.5
84.0
11.5
G ¾
20
32.0
94.0
13.5
G 1
25
32.2
104.0
14.0
G 1¼
32
35.8
119.0
18.0
G 1½
SMS 1145 in stainless steel (316L - 1.4404)
L
DN
P
L
D
25
32.0
130
Rd 40 x ¹∕₆"
40
35.8
164
Rd 60 x ¹∕₆"
50
39.6
173
Rd 70 x ¹∕₆"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com