| Electronic Components Datasheet Search |
|
S030 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
S030 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 22 page ![]() Visit product website DATA SHEET Type SE30 Transmitter for Inline sensor-fitting Type SE32 Transmitter for Inline sensor-fitting Type SE35 Transmitter or batch controller for Inline sensor-fitting Type SE36 ELEMENT transmitter for Inline sensor fitting Type 8611 eCONTROL - Universal controller Standard | EU | en | 2024-01-15 | 24 Inline sensor-fitting with paddle wheel for flow measure- ment • DN 06 to DN 65 • Wide range of materials and type of process connections available to ideally fit to the individual applications and process conditions • Closed pipe system, sensor inside fitting • Quarter-turn technology • Transmitter available for indication, monitoring, transmitting, On/Off control or batch control The sensor-fitting Type S030 has a built-in paddle wheel to measure the flow rate and is especially designed for use with neutral, slightly aggressive, solid free liq- uids. The compact sensor-fitting (Type S030) must be equipped with a Bürkert transmit- ter (Type SE30, SE30 Ex, SE32, SE35, SE36 or 8611) quickly and easily connected together by a bayonet catch. The Bürkert “Inline quarter-turn” technology is a con- struction ensuring a leakage free operation. The paddle wheel rotation (permanent magnets included in the blades) is detected contactless by the sensitive element of the transmitter through the sensor-fitting wall. The transmitter can be fitted and removed without opening the pipe or inter- rupting the running process. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type S030 © Christian Bürkert GmbH & Co. KG, Subject to alteration |
Similar Part No. - S030 |
|
Similar Description - S030 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |