Electronic Components Datasheet Search
  English  ▼

X  

S030 Datasheet(PDF) 22 Page - Christian Bürkert GmbH & Co. KG

Part # S030
Description  Inline sensor-fitting with paddle wheel for flow measure-ment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

S030 Datasheet(HTML) 22 Page - Christian Bürkert GmbH & Co. KG

Back Button S030 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG S030 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Type S030
22 | 22
Visit product website 
Sensor armature made of PVC with paddle wheel (PVDF), seal (EPDM), screws and test certificate for DN 15 (except
DN 15 v2 and DN 20 v2)...DN 65
432297 
Sensor armature made of PVC with paddle wheel (PP), seal (EPDM), screws and test certificate for DN 15 (except DN 15
v2 and DN 20 v2)...DN 65
443982 
Sensor armature made of PP with paddle wheel (PVDF), seal (FKM), screws and test certificate for DN 15…DN 65
432300 
Sensor armature made of PP with paddle wheel (PVDF), seal (EPDM), screws and test certificate for DN 15…DN 65
432299 
Sensor armature made of PP with paddle wheel (PP), seal (FKM), screws and test certificate for DN 15…DN 65
552881 
Sensor armature made of PP with paddle wheel (PP), seal (EPDM), screws and test certificate for DN 15…DN 65
443983 
Sensor armature made of PVDF with paddle wheel (PVDF), seal (FKM), screws and test certificate for DN 06, DN 08,
DN 15 v2 and DN 20 v2
448676 
Sensor armature made of PVDF with paddle wheel (PVDF), seal (FKM), screws and test certificate for DN 15 (except
DN 15 v2 and DN 20 v2)...DN 65
432302 
Sensor armature made of PVDF with paddle wheel (PVDF), seal (EPDM), screws and test certificate for DN 15 (except
DN 15 v2 and DN 20 v2)...DN 65
432301 
Sensor armature set for High Temperature variant
Sensor armature made of stainless steel with paddle wheel (stainless steel), seal (FKM) and screws for DN 15 (except
DN 15 v2 and DN 20 v2)...DN 50
551764 
Sensor armature made of stainless steel with paddle wheel (stainless steel), seal (FKM) and screws for DN 06, DN 08,
DN 15 v2 and DN 20 v2
449723 
Sensor armature made of stainless steel with paddle wheel (stainless steel), seal (EPDM) and screws for DN 15 (except
DN 15 v2 and DN 20 v2)...DN 50
551763 
Sensor armature in stainless steel with paddle wheel (stainless steel), seal (EPDM) and screws for DN 06, DN 08,
DN 15 v2 and DN 20 v2
449724 
O-ring set
FKM O-ring for metal fitting, DN 06…DN 65
426340 
EPDM O-ring for metal fitting, DN 06…DN 65
426341 
FKM O-ring for plastic fitting, DN 08
448679 
FKM O-ring for plastic fitting, DN 15
431555 
FKM O-ring for plastic fitting, DN 20
431556 
FKM O-ring for plastic fitting, DN 25
431557 
FKM O-ring for plastic fitting, DN 32
431558 
FKM O-ring for plastic fitting, DN 40
431559 
FKM O-ring for plastic fitting, DN 50
431560 
EPDM O-ring for plastic fitting, DN 08
448680 
EPDM O-ring for plastic fitting, DN 15
431561 
EPDM O-ring for plastic fitting, DN 20
431562 
EPDM O-ring for plastic fitting, DN 25
431563 
EPDM O-ring for plastic fitting, DN 32
431564 
EPDM O-ring for plastic fitting, DN 40
431565 
EPDM O-ring for plastic fitting, DN 50
431566 
Approvals and conformities
3-point flow calibration certificate 1.)
550676 
Inspection certificate 3.1 (according to EN-ISO 10204)
803723 
Test report 2.2 (according to EN-ISO 10204)
803722 
Certification of conformity for the surface finish (according to DIN4762, DIN4768, ISO/4287/1)
804175 
FDA declaration of conformity
803724 
1.) S030 combined with the plugged-in flow transmitter, only for DN ≤ 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com