Electronic Components Datasheet Search
  English  ▼

X  

TMD2712 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TMD2712
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2712 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TMD2712 Datasheet HTML 4Page - OSRAM GmbH TMD2712 Datasheet HTML 5Page - OSRAM GmbH TMD2712 Datasheet HTML 6Page - OSRAM GmbH TMD2712 Datasheet HTML 7Page - OSRAM GmbH TMD2712 Datasheet HTML 8Page - OSRAM GmbH TMD2712 Datasheet HTML 9Page - OSRAM GmbH TMD2712 Datasheet HTML 10Page - OSRAM GmbH TMD2712 Datasheet HTML 11Page - OSRAM GmbH TMD2712 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Datasheet, Public
Page 7
[v4-00] 2023-Jan-02
Document Feedback
TMD2712 − Electrical Characteristics
Figure 9:
Proximity Optical Characteristics (VDD = 1.8V, VDD3 = 3.0V, TA = 25°C unless otherwise noted)
Note(s):
1. Representative result by characterization.
2. Response with no target varies with power supply characteristics and system noise.
3. At factory final test.
Parameter
Conditions
Min
Typ
Max
Unit
Response: absolute (1)
PGAIN1 = 1x; PGAIN2 = 10x
PLDRIVE = 8mA
PPULSE = 4 pulses
PPULSE_LEN = 34μs
HW Averaging = 8
BINSRCH_TARGET = 15
APC = disabled
Post Calibration
Target material: 18% reflective
surface
No glass above module
Target Size: 100mm x 100mm
Target Distance: 30mm
120
counts
Part to Part Variation (3)
Same as Response: absolute
except target is 51mm diameter
diffusor
±25
%
Response: no target (2)
Same as Response: absolute
except no target
4
14
30
counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com