Electronic Components Datasheet Search
  English  ▼

X  

TMD2712 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TMD2712
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2712 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TMD2712 Datasheet HTML 25Page - OSRAM GmbH TMD2712 Datasheet HTML 26Page - OSRAM GmbH TMD2712 Datasheet HTML 27Page - OSRAM GmbH TMD2712 Datasheet HTML 28Page - OSRAM GmbH TMD2712 Datasheet HTML 29Page - OSRAM GmbH TMD2712 Datasheet HTML 30Page - OSRAM GmbH TMD2712 Datasheet HTML 31Page - OSRAM GmbH TMD2712 Datasheet HTML 32Page - OSRAM GmbH TMD2712 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
Page 28
Datasheet, Public
Document Feedback
[v4-00] 2023-Jan-02
TMD2712 − Register Description
STATUS Register (Address 0x94)
Figure 37:
STATUS Register
All flags in this register can be cleared by setting the bit high.
Alternatively, if the INT_READ_CLEAR in the CFG3 register bit is
set, then simply reading this register automatically clears all
eight flags.
ALSL Register (Address 0x95)
Figure 38:
ALSL Register
Addr: 0x94
STATUS Register
Bit
Bit Name
Default
Access
Bit Description
7
ASAT
0
R, SC
Analog saturation flag signals that the ALS results may
be unreliable due to saturation of the AFE.
6PSAT
0
R, SC
Proximity saturation flag indicates that an ambient- or
reflective-saturation event occurred during a previous
proximity cycle.
5PINT
0
R, SC
Proximity interrupt flag indicates that proximity results
have exceeded thresholds and persistence settings.
4AINT
0
R, SC
ALS interrupt flag indicates that ALS results (CH0) have
exceeded thresholds and persistence settings.
3CINT
0
R, SC
Calibration interrupt flag indicates that calibration has
completed.
2ZINT
0
R, SC
Zero detection interrupt flag indicates that a zero value
in PDATA has caused the proximity offset to be
decremented (if AUTO_OFFSET_ADJ = 1).
1
PSAT_REFLECTIVE
0
R, SC
The Reflective Proximity Saturation Interrupt flag signals
that the AFE has saturated during the IR VCSEL active
portion of proximity integration.
0
PSAT_AMBIENT
0
R, SC
The Ambient Proximity Saturation Interrupt flag signals
that the AFE has saturated during the IR VCSEL inactive
portion of proximity integration.
Addr: 0x95
ALSL
Bit
Bit Name
Default
Access
Bit Description
7:0
ALSL
0x00
RO
This register contains the low byte of the 16-bit ALS
channel (CH0) data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com