Electronic Components Datasheet Search
  English  ▼

X  

TMD2712 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # TMD2712
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2712 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button TMD2712 Datasheet HTML 13Page - OSRAM GmbH TMD2712 Datasheet HTML 14Page - OSRAM GmbH TMD2712 Datasheet HTML 15Page - OSRAM GmbH TMD2712 Datasheet HTML 16Page - OSRAM GmbH TMD2712 Datasheet HTML 17Page - OSRAM GmbH TMD2712 Datasheet HTML 18Page - OSRAM GmbH TMD2712 Datasheet HTML 19Page - OSRAM GmbH TMD2712 Datasheet HTML 20Page - OSRAM GmbH TMD2712 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
Page 16
Datasheet, Public
Document Feedback
[v4-00] 2023-Jan-02
TMD2712 − Register Description
Detailed Register Description
Enable Register (Address 0x80)
Figure 17:
Enable Register
Note(s):
1. When the ALS function is enabled (AEN = 1), this bit must be set to a one (PWEN = 1).
Before activating AEN or PEN, preset each applicable operating
mode registers and bits. To change register settings, it is
necessary to deactivate PON and set all applicable operating
mode registers and bits before activating PON again.
Addr: 0x80
Enable
Bit
Bit Name
Default
Access
Bit Description
7:5
Reserved
0
RW
Reserved. Must be set to default value.
4PWEN
0
RW
This bit activates the proximity wait feature which is set
by the PWTIME register. Active high. (1)
3AWEN
0
RW
This bit activates the ALS wait feature which is set by the
AWTIME register. Active high.
2
PEN
0
RW
This bit activates the proximity detection. Active high.
1
AEN
0
RW
This bit actives the ALS function. Active high.
0PON
0
RW
This field activates the internal oscillator and ADC
channels. Active high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com