Electronic Components Datasheet Search
  English  ▼

X  

TMD2712 Datasheet(PDF) 34 Page - OSRAM GmbH

Part # TMD2712
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2712 Datasheet(HTML) 34 Page - OSRAM GmbH

Back Button TMD2712 Datasheet HTML 30Page - OSRAM GmbH TMD2712 Datasheet HTML 31Page - OSRAM GmbH TMD2712 Datasheet HTML 32Page - OSRAM GmbH TMD2712 Datasheet HTML 33Page - OSRAM GmbH TMD2712 Datasheet HTML 34Page - OSRAM GmbH TMD2712 Datasheet HTML 35Page - OSRAM GmbH TMD2712 Datasheet HTML 36Page - OSRAM GmbH TMD2712 Datasheet HTML 37Page - OSRAM GmbH TMD2712 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
Datasheet, Public
Page 33
[v4-00] 2023-Jan-02
Document Feedback
TMD2712 − Register Description
CFG6 Register (Address 0xAE)
Figure 49:
CFG6 Register
POFFSETL Register (Address 0xC0)
Figure 50:
POFFSETL Register
POFFSETH Register (Address 0xC1)
Figure 51:
POFFSETH Register
Typically, optical and/or electrical crosstalk negatively
influence proximity operation and results. The
POFFSETL/POFFSETH registers provide a mechanism to remove
system crosstalk from the proximity data. POFFSETL and
POFFSETH contains the magnitude and sign of a value which
adjusts PDATA is generated in the AFE. An offset value in the
range of ± 255 is possible.
Addr: 0xAE
CFG6
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6
APC_
DISABLE
0RW
Proximity Automatic Pulse Control (APC) disable.
0 = APC enable
1 = APC disable
5:0
Reserved
111111
RW
Reserved. Must be set to default value.
Addr: 0xC0
POFFSETL
Bit
Bit Name
Default
Access
Bit Description
7:0
POFFSETL
0x00
RW
This register contains the magnitude portion of
proximity offset adjust value.
Addr: 0xC1
POFFSETH
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0
RW
Reserved. Must be set to default value.
0POFFSETH
0
RW
This register contains the sign portion of
proximity offset adjust value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com