Electronic Components Datasheet Search
  English  ▼

X  

TMD2712 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # TMD2712
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2712 Datasheet(HTML) 5 Page - OSRAM GmbH

  TMD2712 Datasheet HTML 1Page - OSRAM GmbH TMD2712 Datasheet HTML 2Page - OSRAM GmbH TMD2712 Datasheet HTML 3Page - OSRAM GmbH TMD2712 Datasheet HTML 4Page - OSRAM GmbH TMD2712 Datasheet HTML 5Page - OSRAM GmbH TMD2712 Datasheet HTML 6Page - OSRAM GmbH TMD2712 Datasheet HTML 7Page - OSRAM GmbH TMD2712 Datasheet HTML 8Page - OSRAM GmbH TMD2712 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
Page 4
Datasheet, Public
Document Feedback
[v4-00] 2023-Jan-02
TMD2712 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Electrical
Characteristics is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 5:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
VDD
Supply Voltage to GND
-0.3
1.98
V
VDD3
IR Emitter Voltage to GND
-0.3
3.6
V
VIO
Digital I/O Terminal Voltage
-0.3
3.6
V
IIO
Digital Output Terminal
Current
-1
20
mA
Electrostatic Discharge
ISCR
Input Current
(latch-up immunity)
± 100
mA
Class II JEDEC JESD78E
ESDHBM
HBM Electrostatic
Discharge
± 2000
V
JEDEC/ESDA JS-001-2017
ESDCDM
CDM Electrostatic
Discharge
± 500
V
JEDEC JS-002-2014
Temperature Ranges and Storage Conditions
TSTRG
Storage Temperature
Range
-40
85
°C
TBODY
Package Body Temperature
260
°C
IPC/JEDEC J-STD-020
The reflow peak soldering
temperature (body temperature) is
specified according to IPC/JEDEC
J-STD-020 “Moisture/Reflow
Sensitivity Classification for
Non-hermetic Solid State Surface
Mount Devices.”
RHNC
Relative Humidity
(non-condensing)
85
%
PDISS
Power Dissipation
50
mW
Average power dissipation over a
1 second period
MSL
Moisture Sensitivity Level
3
Maximum floor life time of 168h
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com