Electronic Components Datasheet Search
  English  ▼

X  

TMD2712 Datasheet(PDF) 35 Page - OSRAM GmbH

Part # TMD2712
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2712 Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button TMD2712 Datasheet HTML 31Page - OSRAM GmbH TMD2712 Datasheet HTML 32Page - OSRAM GmbH TMD2712 Datasheet HTML 33Page - OSRAM GmbH TMD2712 Datasheet HTML 34Page - OSRAM GmbH TMD2712 Datasheet HTML 35Page - OSRAM GmbH TMD2712 Datasheet HTML 36Page - OSRAM GmbH TMD2712 Datasheet HTML 37Page - OSRAM GmbH TMD2712 Datasheet HTML 38Page - OSRAM GmbH TMD2712 Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
Page 34
Datasheet, Public
Document Feedback
[v4-00] 2023-Jan-02
TMD2712 − Register Description
CALIB Register (Address 0xD7)
Figure 52:
CALIB Register
Proximity response in systems with electrical and optical
crosstalk may be improved by using the calibration feature.
Optical crosstalk is caused when the photodiode receives a
portion of the VCSEL IR which was unintentionally reflected by
a surface other than the target. Electrical offset is caused by
electrical disturbance in the sensor AFE, and also influences the
proximity result. The calibration routine adjusts the value in
POFFSETL/H until the proximity result is as close to the binary
search target as possible. Optical and electrical calibration
function identically, except that during an electrical calibration
the proximity photodiode is disconnected from the AFE.
An electrical calibration can be initiated anytime by setting the
ELECTRICAL_CALIBRATION and START_OFFSET_CAL bits. To
perform an optical (and electrical) calibration do not set the
ELECTRICAL_CALIBRATION bit when setting the START_
OFFSET_CALIB. The CINT flag will assert after calibration has
finished. Upon completion proximity offset registers are
automatically loaded with calibration result.
Addr: 0xD7
CALIB
Bit
Bit Name
Default
Access
Bit Description
7CALAVG
0
RW
Enables proximity hardware averaging as
selected with PROX_AVG during calibration.
0 = No hardware averaging
1 = Hardware averaging enabled
6
Reserved
0
RW
Reserved. Must be set to default value.
5
ELECTRICAL_
CALIBRATION
0RW
Selects proximity calibration type.
0 = Electrical and optical crosstalk.
1 = Electrical crosstalk only.
4CALPRATE
0
RW
Enables PRATE during calibration. Useful when
averaging is enabled.
0 = PRATE ignored
1 = PRATE applied between averaging samples
3:1
Reserved
0
RW
Reserved. Must be set to default value.
0
START_OFFSET_CAL
0
RW
Set to 1 to start a calibration sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com