Electronic Components Datasheet Search
  English  ▼

X  

TMD2712 Datasheet(PDF) 38 Page - OSRAM GmbH

Part # TMD2712
Description  ALS Proximity Sensor Module
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2712 Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button TMD2712 Datasheet HTML 34Page - OSRAM GmbH TMD2712 Datasheet HTML 35Page - OSRAM GmbH TMD2712 Datasheet HTML 36Page - OSRAM GmbH TMD2712 Datasheet HTML 37Page - OSRAM GmbH TMD2712 Datasheet HTML 38Page - OSRAM GmbH TMD2712 Datasheet HTML 39Page - OSRAM GmbH TMD2712 Datasheet HTML 40Page - OSRAM GmbH TMD2712 Datasheet HTML 41Page - OSRAM GmbH TMD2712 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
Datasheet, Public
Page 37
[v4-00] 2023-Jan-02
Document Feedback
TMD2712 − Register Description
The PROX_AVG field sets the number of ADC samples that are
averaged. Each ADC sample causes the programmed number
of proximity pulses to be transmitted. Once all samples have
been completed and the average is calculated, the proximity
state machine will then pass this value directly to PDATA.
CALIBSTAT Register (Address 0xDC)
Figure 55:
CALIBSTAT Register
INTENAB Register (Address 0xDD)
Figure 56:
INTENAB Register
Addr: 0xDC
CALIBSTAT
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
0
R
Reserved. Must be set to default value.
2
OFFSET_
ADJUSTED
0R
Bit is set when the proximity offset has been
automatically decremented if AUTO_OFFSET_
ADJ = 1 (see CALIBCFG register). This bit can
be cleared by writing 1 to it or setting AUTO_
OFFSET_ADJ to 0.
1
Reserved
0
R
Reserved. Must be set to default value.
0
CALIB_FINISHED
0
R
This flag indicates that calibration has
finished. This bit is a copy of the CINT bit in the
STATUS register. It will be cleared when the
CINT bit is cleared.
Addr: 0xDD
INTENAB
Bit
Bit Name
Default
Access
Bit Description
7
ASIEN
0
RW
ALS Saturation Interrupt Enable.
6
PSIEN
0
RW
Proximity Saturation Interrupt Enable.
5
PIEN
0
RW
Proximity Interrupt Enable.
4
AIEN
0
RW
ALS Interrupt Enable.
3
CIEN
0
RW
Calibration Interrupt Enable.
2
ZIEN
0
RW
Zero Detect Interrupt Enable.
1:0
Reserved
0
RW
Reserved. Must be set to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com