Electronic Components Datasheet Search
  English  ▼

X  

AD7367 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7367
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367 Datasheet(HTML) 1 Page - Analog Devices

  AD7367 Datasheet HTML 1Page - Analog Devices AD7367 Datasheet HTML 2Page - Analog Devices AD7367 Datasheet HTML 3Page - Analog Devices AD7367 Datasheet HTML 4Page - Analog Devices AD7367 Datasheet HTML 5Page - Analog Devices AD7367 Datasheet HTML 6Page - Analog Devices AD7367 Datasheet HTML 7Page - Analog Devices AD7367 Datasheet HTML 8Page - Analog Devices AD7367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
True Bipolar Input, Dual 1 μs,
12-/14-Bit, 2-Channel SAR ADCs
AD7366/AD7367
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 12-bit/14-bit, 2-channel ADC
True bipolar analog inputs
Programmable input ranges:
±10 V, ±5 V, 0 V to 10 V
±12 V with 3 V external reference
Throughput rate: 1 MSPS
Simultaneous conversion with read in less than 1μs
High analog input impedance
Low current consumption:
8.3 mA typical in normal mode
320nA typical in shutdown mode
AD7366
72 dB SNR at 50 kHz input frequency
12-bit no missing codes
AD7367
76 dB SNR at 50 kHz input frequency
14-bit no missing codes
Accurate on-chip reference: 2.5 V ±0.2%
–40°C to +85°C operation
High speed serial interface
SPI-/QSPI™-/MICROWIRE™-/DSP-compatible
iCMOS® process technology
Available in a 24-lead TSSOP
FUNCTIONAL BLOCK DIAGRAM
12-/14-BIT
SUCCESSIVE
APPROXIMATION
ADC
DOUTA
OUTPUT
DRIVERS
CONTROL
LOGIC
T/H
BUF
VA1
VA2
MUX
REF
AD7366/AD7367
VDRIVE
DCAPA
AVCC
DVCC
BUF
DOUTB
OUTPUT
DRIVERS
12-/14-BIT
SUCCESSIVE
APPROXIMATION
ADC
T/H
VB1
VB2
AGND AGND
VSS
DGND
DCAPB
CS
SCLK
CNVST
BUSY
ADDR
RANGE0
RANGE1
REFSEL
MUX
VDD
Figure 1.
GENERAL DESCRIPTION
The AD7366/AD73671 are dual, 12/14-bit, high speed, low
power, successive approximation analog-to-digital converters
(ADCs) that feature throughput rates up to 1 MSPS. The device
contains two ADCs, each preceded by a 2-channel multiplexer,
and a low noise, wide bandwidth track-and-hold amplifier.
The AD7366/AD7367 are fabricated on the Analog Devices,
Inc. industrial CMOS process (iCMOS®2), which is a technology
platform combining the advantages of low and high voltage
CMOS. The process allows the AD7366/AD7367 to accept high
voltage bipolar signals in addition to reducing power consump-
tion and package size. The AD7366/AD7367 can accept true
bipolar analog input signals in the ±10 V range, ±5 V range,
and 0 V to 10 V range.
The AD7366/AD7367 have an on-chip 2.5 V reference that
can be disabled to allow the use of an external reference. If a
3 V reference is applied to the DCAPA and DCAPB pins, the
AD7366/AD7367 can accept a true bipolar ±12 V analog input.
Minimum ±12 V VDD and VSS supplies are required for the
±12 V input range.
PRODUCT HIGHLIGHTS
1.
The AD7366/AD7367 can accept true bipolar analog input
signals, as well as ±10 V, ±5 V, ±12 V (with external refer-
ence), and 0 V to +10 V unipolar signals.
2.
Two complete ADC functions allow simultaneous
sampling and conversion of two channels.
3.
1 MSPS serial interface; SPI-/QSPI-/DSP-/MICROWIRE-
compatible interface.
Table 1. Related Products
Device
Resolution
Throughput
Rate
Number of
Channels
AD7366
12-Bit
1 MSPS
Dual, 2-channel
AD7366-5
12-Bit
500 kSPS
Dual, 2-channel
AD7367
14-Bit
1 MSPS
Dual, 2-channel
AD7367-5
14-Bit
500 kSPS
Dual, 2-channel
1 Protected by U.S. Patent No. 6,731,232.
2 iCMOS Process Technology. For analog systems designers within
industrial/instrumentation equipment OEMs who need high performance
ICs at higher voltage levels, iCMOS is a technology platform that enables the
development of analog ICs capable of 30 V and operating at ±15 V supplies
while allowing dramatic reductions in power consumption and package size,
and increased ac and dc performance.


Similar Part No. - AD7367

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7367 AD-AD7367 Datasheet
209Kb / 16P
True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
538Kb / 40P
1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ AD-AD7367-5ARUZ Datasheet
209Kb / 16P
True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
538Kb / 40P
1 MSPS, 8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7367-5ARUZ-REEL7 AD-AD7367-5ARUZ-REEL7 Datasheet
209Kb / 16P
True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
More results

Similar Description - AD7367

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393 Datasheet
1Mb / 19P
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/ 2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 0; 5/05
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
204Kb / 17P
True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
AD7367 AD-AD7367 Datasheet
209Kb / 16P
True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Analog Devices
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7322 AD-AD7322 Datasheet
725Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 1 MSPS, 12-Bit Plus Sign ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com