Electronic Components Datasheet Search
  English  ▼

X  

AD7367 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7367
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7367 Datasheet HTML 11Page - Analog Devices AD7367 Datasheet HTML 12Page - Analog Devices AD7367 Datasheet HTML 13Page - Analog Devices AD7367 Datasheet HTML 14Page - Analog Devices AD7367 Datasheet HTML 15Page - Analog Devices AD7367 Datasheet HTML 16Page - Analog Devices AD7367 Datasheet HTML 17Page - Analog Devices AD7367 Datasheet HTML 18Page - Analog Devices AD7367 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 15 of 28
Power Supply Rejection Ration (PSRR)
Variations in power supply affect the full-scale transition but
not the converter’s linearity. PSRR is the maximum change in
the full-scale transition point due to a change in power supply
voltage from the nominal value (see Figure 11).
Thermal Hysteresis
Thermal hysteresis is defined as the absolute maximum change
of reference output voltage after the device is cycled through
temperature from either
T_HYS+ = +25°C to TMAX to +25°C
or
T_HYS− = +25°C to TMIN to +25°C
It is expressed in ppm using the following equation:
6
10
)
25
(
)
_
(
)
25
(
)
(
×
°
−
°
=
C
V
HYS
T
V
C
V
ppm
V
REF
REF
REF
HYS
where:
VREF(25°C) is VREF at 25°C.
VREF(T_HYS) is the maximum change of VREF at T_HYS+ or
T_HYS−.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com