Electronic Components Datasheet Search
  English  ▼

X  

AD7367 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7367
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7367 Datasheet HTML 8Page - Analog Devices AD7367 Datasheet HTML 9Page - Analog Devices AD7367 Datasheet HTML 10Page - Analog Devices AD7367 Datasheet HTML 11Page - Analog Devices AD7367 Datasheet HTML 12Page - Analog Devices AD7367 Datasheet HTML 13Page - Analog Devices AD7367 Datasheet HTML 14Page - Analog Devices AD7367 Datasheet HTML 15Page - Analog Devices AD7367 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 12 of 28
–70
–85
–80
–75
–90
–95
–100
–105
–110
0
100
200
300
400
500
600
FREQUENCY OF INPUT NOISE (kHz)
AVCC = 5V, DVCC = 5V
VDD = 15V, VSS = –15V
VDRIVE = 3V
fS = 1MSPS
INTERNAL REFERENCE
0V TO 10V RANGE
±5V RANGE
±10V RANGE
Figure 9. Channel-to-Channel Isolation
31 CODES
344 CODES
8191
8192
8193
8196
8195
8194
CODE
0
10000
20000
30000
40000
50000
60000
70000
80000
90000
100000
110000
106091 CODES
Figure 10. Histogram of Codes for 200k Samples
–70
–80
–90
–100
–110
–120
0
200
400
1200
1000
800
600
SUPPLY RIPPLE FREQUENCY (kHz)
VCC, ADC A
VDD, ADC B
VDD, ADC A
VCC, ADC B
100mV p-p SINE WAVE ON AVCC
NO DECOUPLING CAPACITOR
VDD = 15V, VSS = –15V
VDRIVE = 3V
fS = 1MSPS
VSS, ADC A
VSS, ADC B
Figure 11. PSRR vs. Supply Ripple Frequency Without Supply Decoupling
80
60
40
20
0
–20
–40
100
200
300
400
500
600
700
800
900
1000
THROUGHPUT RATE (kSPS)
VIN = 0V TO 10V
VIN = +5V
VIN = +10V
VIN = –5V
VIN = –10V
AVCC = 5V, DVCC = 5V
VDD = 15V, VSS = –15V
VDRIVE = 3V
fS = 1MSPS
INTERNAL REFERENCE
Figure 12. Analog Input Current vs. Throughput Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com