Electronic Components Datasheet Search
  English  ▼

X  

AD7367 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7367
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367 Datasheet(HTML) 3 Page - Analog Devices

  AD7367 Datasheet HTML 1Page - Analog Devices AD7367 Datasheet HTML 2Page - Analog Devices AD7367 Datasheet HTML 3Page - Analog Devices AD7367 Datasheet HTML 4Page - Analog Devices AD7367 Datasheet HTML 5Page - Analog Devices AD7367 Datasheet HTML 6Page - Analog Devices AD7367 Datasheet HTML 7Page - Analog Devices AD7367 Datasheet HTML 8Page - Analog Devices AD7367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 3 of 28
SPECIFICATIONS
TA = −40°C to +85°C, AVCC = DVCC = 4.75 V to 5.25 V, VDD = 11.5 V to 16.5 V, VSS = −16.5 V to −11.5 V, VDRIVE = 2.7 V to 5.25 V,
fSAMPLE = 1.12 MSPS, fSCLK = 48 MHz, VREF = 2.5 V internal/external, TA = TMIN to TMAX, unless otherwise noted.
Table 2. AD7366
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 50 kHz sine wave
Signal-to-Noise Ratio (SNR)1
70
72
dB
Signal-to-Noise + Distortion Ratio (SINAD)1
70
71
dB
Total Harmonic Distortion (THD)1
−85
−78
dB
Spurious-Free Dynamic Range (SFDR)1
−87
−78
dB
Intermodulation Distortion (IMD)1
fa = 49 kHz, fb = 51 kHz
Second-Order Terms
−88
dB
Third-Order Terms
−88
dB
Channel-to-Channel Isolation1
−90
dB
SAMPLE AND HOLD
Aperture Delay2
10
ns
Aperture Jitter2
40
ps
Aperture Delay Matching2
±100
ps
Full Power Bandwidth
35
MHz
@ 3 dB, ±10 V range
8
MHz
@ 0.1 dB, ±10 V range
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)1
±0.5
±1
LSB
Differential Nonlinearity (DNL)1
±0.25
±0.5
LSB
Guaranteed no missed codes to 12 bits
Positive Full-Scale Error1
±1
±7
LSB
±5 V and ±10 V analog input range
±1
±6
LSB
0 V to 10 V analog input range
Positive Full-Scale Error Match1
±1.5
LSB
Matching from ADC A to ADC B
±0.1
LSB
Channel to channel matching for ADC A and ADC B
Zero Code Error1
±0.5
±3
LSB
±5 V and ±10 V analog input range
±1
±6
LSB
0 V to 10 V analog input range
Zero Code Error Match1
±1.5
LSB
Matching from ADC A to ADC B
±0.1
LSB
Channel-to-channel matching for ADC A and ADC B
Negative Full-Scale Error1
±1
±7
LSB
±5 V and ±10 V analog input range
±1
±6
LSB
0 V to 10 V analog input range
Negative Full-Scale Error Match1
±1.5
LSB
Matching from ADC A to ADC B
±0.1
LSB
Channel-to-channel matching for ADC A and ADC B
ANALOG INPUT
Input Voltage Ranges
±10
V
(Programmed via RANGE Pins)
±5
V
0 to 10
V
DC Leakage Current
±0.01
±1
μA
Input Capacitance
9
pF
When in track, ±10 V range
13
pF
When in track, ±5 V or 0 V to 10 V range
Input Impedance
260
kΩ
For ±10 V @1 MSPS
2.5
MΩ
For ±10 V @100 kSPS
125
kΩ
For ±5 V/ 0 V to 10 V @1 MSPS
1.2
MΩ
For ±5 V/ 0 V to 10 V @100 kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com