Electronic Components Datasheet Search
  English  ▼

X  

AD7367 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7367
Description  True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7367 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7367 Datasheet HTML 15Page - Analog Devices AD7367 Datasheet HTML 16Page - Analog Devices AD7367 Datasheet HTML 17Page - Analog Devices AD7367 Datasheet HTML 18Page - Analog Devices AD7367 Datasheet HTML 19Page - Analog Devices AD7367 Datasheet HTML 20Page - Analog Devices AD7367 Datasheet HTML 21Page - Analog Devices AD7367 Datasheet HTML 22Page - Analog Devices AD7367 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD7366/AD7367
Rev. 0 | Page 19 of 28
DRIVER AMPLIFIER CHOICE
The AD7366/AD7367 have a total of four analog inputs, which
operate in single-ended mode. Both ADC’s analog inputs can
be programmed to one of the three analog input ranges. In
applications where the signal source is high impedance, it is
recommended to buffer the signal before applying it to the
ADC analog inputs. Figure 21 shows the configuration of the
AD7366/AD7367 in single-ended mode.
In applications where the THD and SNR are critical specifi-
cations, the analog input of the AD7366/AD7367 should be
driven from a low impedance source. Large source impedances
significantly affect the ac performance of the ADC and can
necessitate the use of an input buffer amplifier.
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum source
impedance depends on the amount of THD that can be tolerated
in the application. The THD increases as the source impedance
increases and performance degrades. Figure 7 shows THD vs.
the analog input frequency for various source impedances.
Depending on the input range and analog input configuration
selected, the AD7366/AD7367 can handle source impedances as
illustrated in Figure 7.
Due to the programmable nature of the analog inputs on the
AD7366/AD7367, the choice of op amp used to drive the
inputs is a function of the particular application and depends
on the analog input voltage ranges selected.
The driver amplifier must be able to settle for a full-scale step
to a 14-bit level, 0.0061%, in less than the specified acquisition
time of the AD7366/AD7367. An op amp such as the AD8021
meets this requirement when operating in single-ended mode.
The AD8021 needs an external compensating NPO type of
capacitor. The AD8022 can also be used in high frequency
applications where a dual version is required. For lower fre-
quency applications, recommended op amps are the AD797,
AD845, and AD8610.
V+
V–
VDD
VSS
VA1
VCC
+5V
AGND
AD8021
1kΩ
1kΩ
15pF
CCOMP = 10pF
–10V/–5V
+10V/+5V
AD7366/
AD7367*
*ADDITIONAL PINS OMITTED FOR CLARITY.
10µF
0.1µF
0.1µF
+
10µF
Figure 21. Typical Connection Diagram with the AD8021 for Driving the
Analog Input
VDRIVE
The AD7366/AD7367 also have a VDRIVE feature to control the
voltage at which the serial interface operates. VDRIVE allows the
ADC to easily interface to both 3 V and 5 V processors. For
example, if the AD7366/AD7367 was operated with a VCC of
5 V, the VDRIVE pin could be powered from a 3 V supply, allow-
ing a large dynamic range with low voltage digital processors.
Thus, the AD7366/AD7367 could be used with the ±10 V input
range while still being able to interface to 3 V digital parts.
To achieve the maximum throughput rate of 1.12 MSPS for the
AD7366 or 1 MSPS for the AD7367, VDRIVE must be greater than
or equal to 4.75 V, see Table 2 and Table 3. The maximum
throughput rate with the VDRIVE voltage set to less than 4.75 V
and greater than 2.7 V is 1 MSPS for the AD7366 and 900 kSPS
for the AD7367.
REFERENCE
The AD7366/AD7367 can operate with either the internal 2.5 V
on-chip reference or an externally applied reference. The logic
state of the REFSEL pin determines whether the internal refer-
ence is used. The internal reference is selected for both ADC
when the REFSEL pin is tied to logic high. If the REFSEL pin is
tied to GND then an external reference can be supplied through
the DCAPA and DCAPB pins. On power-up, the REFSEL pin must
be tied to either a low or high logic state for the part to operate.
Suitable reference sources for the AD7366/AD7367 include
AD780, AD1582, ADR431, REF193, and ADR391.
The internal reference circuitry consists of a 2.5 V band gap
reference and a reference buffer. When operating the AD7366/
AD7367 in internal reference mode, the 2.5 V internal reference
is available at the DCAPA and DCAPB pins, which should be
decoupled to AGND using a 680 nF capacitor. It is recom-
mended that the internal reference be buffered before applying
it elsewhere in the system. The internal reference is capable of
sourcing up to 150 μA with an analog input range of ±10 V
and 70 μA for both the ±5 V and 0 V to 10 V ranges.
If the internal reference operation is required for the ADC con-
version, the REFSEL pin must be tied to logic high on power-
up. The reference buffer requires 70 μs to power up and charge
the 680 nF decoupling capacitor during the power-up time.
The AD7366/AD7367 is specified for a 2.5 V to 3 V reference
range. When a 3 V reference is selected, the ranges are ±12 V,
±6 V, and 0 V to +12 V. For these ranges, the VDD and VSS
supply must be equal to or greater than the +12 V and −12 V
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com